| データシートサーチシステム |
|
KIA78DL05F/PI データシート(PDF) 2 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
KIA78DL05F/PI データシート(HTML) 2 Page - KEC(Korea Electronics) |
|
2 / 5 page ![]() 2004. 11. 17 2/5 KIA78DL05F/PI~78DL15F/PI Revision No : 2 SHORT CURRENT PROTECTION 1 3 2 INPUT OUTPUT GND - + OVERVOLTAGE PROTECTION OVERHEAT PROTECTION BLOCK DIAGRAM CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Output Voltage VOUT 5.35V VIN 26V, Ta=-40 85 4.5 5 5.5 V Line Regulation VOUT(1) 9V VIN 16V - 2 10 mV 6V VIN 26V - 4 30 Load Regulation VOUT(2) 10mA IOUT 200mA - 14 50 mV Quiescent Current ICC IOUT 10mA, 6V VIN 26V - 0.5 1 mA Dropout Voltage VDROP IOUT= 50mA - 0.15 0.3 V IOUT=200mA - 0.4 0.6 Max. Operating Input Voltage VIN 29 33 - V KIA78DL05F/PI ELECTRICAL CHARACTERISTICS (VIN=14V, IOUT=10mA, Tj=25 ) CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Output Voltage VOUT 6.35V VIN 26V, Ta=-40 85 5.4 6 6.6 V Line Regulation VOUT(1) 10V VIN 17V - 2 12 mV 7V VIN 26V - 5 36 Load Regulation VOUT(2) 10mA IOUT 200mA - 17 60 mV Quiescent Current ICC IOUT 10mA, 7V VIN 26V - 0.55 - mA Dropout Voltage VDROP IOUT= 50mA - 0.15 0.3 V IOUT=200mA - 0.4 0.6 Max. Operating Input Voltage VIN 29 33 - V KIA78DL06F/PI ELECTRICAL CHARACTERISTICS (VIN=14V, IOUT=10mA, Tj=25 ) |