| データシートサーチシステム |
|
KIA7820AF/API データシート(PDF) 18 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
KIA7820AF/API データシート(HTML) 18 Page - KEC(Korea Electronics) |
|
18 / 20 page ![]() 2015. 5. 13 18/20 KIA7805AF/API~KIA7824AF/API Revision No : 8 (6) IEC (International Electronical Commission)-65 Specification. (a) IEC (International Electronical Commission)-65 is the standard, parts testing method, machinery and tolls (used in connecting main power directly and indirectly) Which are used at home and general building. The purpose of the above standard is not to breaking out the risk which is related to an electric shock, a heating, a fire and the damage of surrounding parts in the case of normal or abnormal operating. (b) In case temperature is limited by temperature overheating prevention device, fuse or the operation of fuse resistor One must calculate the temperature of PCB substrate in 2 minute. ΔT≤110℃ regulated ΔT=T(The PCB substrate temperature in 2 minute) -Ta(Ambient temperature) (c) Graph As the territory of the deviant line appear by the heat, as the area is wider, T(The PCB substrate temperature in 2 minute) is becoming high. |