| データシートサーチシステム |
|
XC62FP3002LB データシート(PDF) 6 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC62FP3002LB データシート(HTML) 6 Page - Torex Semiconductor |
|
6 / 16 page ![]() XC62FP Series 290 3 ■Electrical Characteristics Ta=25 °C XC62FP5002 VOUT(T)=5.0V (Note1) PARAMETER SYMBOL CONDITIONS Output Voltage VOUT (E) (Note2) IOUT=40mA VIN=6.0V Load Stability ∆VOUT Input -Output Voltage Differential (Note3) Maximum Output Current IOUT max VIN=6.0V, VOUT(E) ≥ 4.5V VIN=6.0V 1mA ≤ IOUT ≤ 100mA Ta=25 °C XC62FP4002 VOUT(T)=4.0V (Note1) PARAMETER SYMBOL CONDITIONS Output Voltage VOUT (E) (Note2) IOUT=40mA VIN=5.0V Load Stability ∆VOUT Input -Output Voltage Differential (Note3) Maximum Output Current IOUT max VIN=5.0V, VOUT(E) ≥ 3.6V VIN=5.0V 1mA ≤ IOUT ≤ 100mA MIN 4.900 2.0 250 TYP 5.000 40 80 MAX 5.100 4.5 UNITS V mV µA mA CIRCUIT 1 1 0.2 0.3 %/V 1 2 1 120 300 mV 1 Vdif1 IOUT=100mA 600 380 mV 1 Vdif2 IOUT=200mA VIN=6.0V Supply Current ISS 10 V — Input Voltage VIN Input Stability IOUT=40mA 6.0V ≤ VIN ≤ 10.0V ∆VOUT ∆VIN • VOUT ±100 ppm/ °C 1 Output Voltage Temperature Characteristics IOUT=40mA -40 °C ≤ Topr ≤ 85°C ∆VOUT ∆Topr • VOUT MIN 3.920 2.0 200 TYP 4.000 45 90 MAX 4.080 4.5 UNITS V mV µA mA CIRCUIT 1 1 0.2 0.3 %/V 1 2 1 170 330 mV 1 Vdif1 IOUT=100mA 630 400 mV 1 Vdif2 IOUT=200mA VIN=5.0V Supply Current ISS 10 V — Input Voltage VIN Input Stability IOUT=40mA 5.0V ≤ VIN ≤ 10.0V ∆VOUT ∆VIN • VOUT ±100 ppm/ °C 1 Output Voltage Temperature Characteristics IOUT=40mA -40 °C ≤ Topr ≤ 85°C ∆VOUT ∆Topr • VOUT 03S_05XC62FP 02.9.12 3:01 PM ページ 290 |