| データシートサーチシステム |
|
CS5509-ASZ データシート(PDF) 7 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5509-ASZ データシート(HTML) 7 Page - Cirrus Logic |
|
7 / 23 page ![]() CS5509 DS125F2 7 Notes: 16. If CS is activated asynchronously to DRDY, CS will not be recognized if it occurs when DRDY is high for 2 clock cycles. The propagation delay time may be as great as 2 fclk cycles plus 200 ns. To guarantee proper clocking of SDATA when using asynchronous CS, SCLK(i) should not be taken high sooner than 2 fclk + 200 ns after CS goes low. 17. SDATA transitions on the falling edge of SCLK. Note that a rising SCLK must occur to enable the serial port shifting mechanism before falling edges can be recognized. 18. If CS is returned high before all data bits are output, the SDATA output will complete the current data bit and then go to high impedance. 5V SWITCHING CHARACTERISTICS (T A = 25 °C; VA+, VD+ = 5V ±10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF) (Note 2) Parameter Symbol Min Typ Max Unit Serial Clock fsclk 0- 2.5 MHz Serial Clock Pulse Width High Pulse Width Low tph tpl 200 200 - - - - ns ns Access Time CS Low to data valid (Note 16) tcsd -60 200 ns Maximum Delay Time (Note 17) SCLK falling to new SDATA bit tdd -150 310 ns Output Float Delay CS High to output Hi-Z (Note 18) SCLK falling to Hi-Z tfd1 tfd2 - - 60 160 150 300 ns ns 3.3V SWITCHING CHARACTERISTICS (T A = 25 °C; VA+ = 5V ±10%; VD+ = 3.3V ±5%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF) (Note 2) Parameter Symbol Min Typ Max Unit Serial Clock fsclk 0 - 1.25 MHz Serial Clock Pulse Width High Pulse Width Low tph tpl 200 200 - - - - ns ns Access Time CS Low to data valid (Note 16) tcsd -100 200 ns Maximum Delay Time (Note 17) SCLK falling to new SDATA bit tdd -400 600 ns Output Float Delay CS High to output Hi-Z (Note 18) SCLK falling to Hi-Z tfd1 tfd2 - - 70 320 150 500 ns ns |