データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5507-AS データシート(PDF) 36 Page - Cirrus Logic

部品番号 CS5507-AS
部品情報  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5507-AS データシート(HTML) 36 Page - Cirrus Logic

Back Button CS5507-AS Datasheet HTML 32Page - Cirrus Logic CS5507-AS Datasheet HTML 33Page - Cirrus Logic CS5507-AS Datasheet HTML 34Page - Cirrus Logic CS5507-AS Datasheet HTML 35Page - Cirrus Logic CS5507-AS Datasheet HTML 36Page - Cirrus Logic CS5507-AS Datasheet HTML 37Page - Cirrus Logic CS5507-AS Datasheet HTML 38Page - Cirrus Logic CS5507-AS Datasheet HTML 39Page - Cirrus Logic CS5507-AS Datasheet HTML 40Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
for A0 and A1 (see Table 1). Once A0 and A1
are selected, the CONV switch (S2-3) must be
switched on (closed) and then open to cause the
CONV signal to transition low to high. This
latches the A0 and A1 channel selection into the
converter. With CONV high (S2-3 open) the
converter will convert continuously.
Figures 3 and 4 illustrate the evaluation board
layout while Figure 5 illustrates the component
placement (silkscreen) of the evaluation board.
1
2/1
3/2
4/3
5/4
6/5
7/6
8/7
9/8
10/9
11/10
12
13
11/14
24
20/23
19/22
18/21
17/20
16/19
15/18
14/17
13/16
12/15
CS5505/6
CS5507/8
Figure 2. CS5505/6 and CS5507/8 Pin Layouts
A0
A1
CS
DRDY
CONV
SDATA
CAL
SCLK
XIN
VD+
XOUT
DGND
M/SLP
VA-
BU/UP
VA+
AIN1+
VREFOUT
AIN2+/NC
VREF-
AIN-
VREF+
AIN3+
AIN4+
CS5505/6/7/8
36
DS59DB2
CDB5505/6/7/8
36
DS59DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40