| データシートサーチシステム |
|
DS9034PC データシート(PDF) 3 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS9034PC データシート(HTML) 3 Page - Dallas Semiconductor |
|
3 / 3 page ![]() DS9034PC/PCI 3 of 3 DS9034PC PACKAGE DIMENSIONS PKG INCHES DIM MIN NOM MAX A 0.845 0.850 0.855 B 0.955 0.960 0.965 C 0.210 0.215 0.220 D 0.065 0.070 0.075 E 0.065 0.070 0.075 ATTENTION: BATTERY COMPONENT The DS9034PC contains a lithium battery. Do not short, ground or apply external voltages to the electrical portions of this device. Do not expose to temperatures over +85 °C. Do not subject this device to any type of cleaning process. Store only in non-conductive containers. Failure to observe these precautions may result in battery discharge or decreased battery life. |