データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS19 データシート(PDF) 1 Page - SUNMATE electronic Co., LTD

部品番号 BAS19
部品情報  SURFACE MOUNT FAST SWITCHING DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAS19 データシート(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAS19 Datasheet HTML 1Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Case:SOT-23
SURFACE MOUNT SWITCHING DIODE
BAS19 - BAS21
Silicon planar epitaxial high speed diode
For switching and general purpose applications
Parameter
Test Conditions
Type
Symbol
Value
Unit
Working peak reverse voltage
BAS19
VRWM
100
V
gg
=DC Blocking voltage
BAS20
RWM
=VR
150
V
BAS21
200
V
Repetitive peak reverse voltage
BAS19
VRRM
120
V
g
BAS20
VRRM
200
V
BAS21
VRRM
250
V
Peak forward surge current
t=1
ms
IFSM
2.5
A
g
t=1s
IFSM
0.5
A
Repetitive peak forward current
IFRM
625
mA
Average forward current
tp<0.3ms
IFAV
200
mA
Forward current
TCase=TL (8mm from Case)
=Tamb
IF
400
mA
Power dissipation
TCase=TL (8mm from Case)
=Tamb
Ptot
250
mW
Junction and storage
temperature range
Tj=Tstg
–55...+150
°C
Features
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm
Mechanical Data
Weight: 0.008 grams (approximate)
Tj = 25
_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=100mA
VF
1.0
V
g
IF=200mA
VF
1.25
V
Reverse current
VR=VRmax
IR
100
nA
VR=VRmax, Tj= 150°C
IR
100
mA
Reverse breakdown voltage
IR=100mA, tp<0.3ms
BAS19
V(BR)R
120
V
g
IR=100mA
BAS20
V(BR)R
200
V
IR=100mA, VR<275V
BAS21
V(BR)R
250
V
Reverse recovery time
IF=IR=10mA, RL=100W,
VR=6V to IR=1mA. RL=100W
trr
50
ns
Diode capacitance
VR=0, f= 1MHz
CD
5
pF
Dynamic forward resistance
IF=10mA
rf
5
W
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1 of 1


同様の部品番号 - BAS19

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BAS19 PANJIT-BAS19 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS19 PHILIPS-BAS19 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS19 VISHAY-BAS19 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS19 TRSYS-BAS19 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19 WTE-BAS19 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

同様の説明 - BAS19

メーカー部品番号データシート部品情報
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com