| データシートサーチシステム |
|
GS1086CE3.3 データシート(PDF) 4 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
GS1086CE3.3 データシート(HTML) 4 Page - Vishay Siliconix |
|
4 / 6 page ![]() GS1086 Vishay Semiconductors formerly General Semiconductor www.vishay.com Document Number 74801 4 12-Mar-02 Ratings and Characteristic Curves (TA = 25°C unless otherwise noted) 1.15 1.20 1.25 1.30 1.10 1.05 20 40 60 80 100 120 140 Fig. 2 – Dropout Voltage v.s. Temperature Ambient Temperature ( °C) 0 20 40 60 80 100 --50 --25 0 25 50 75 100 125 Fig. 4 – Adjust Pin Current Temperature ( °C) 0 --1.6 --1.2 --0.8 --0.4 0.4 0.8 0.0 1.2 1.6 --20 0 20 40 60 80 100 120 140 Fig. 5 – Temperature Stability Temperature ( °C) Iout = 0.5A IOUT = 1.5A 200 400 800 1000 1200 1400 1600 600 Output Current (mA) 0 0.4 0.8 1.2 1.6 2.0 0 100 1K 100K 10K 1M Fig. 6 – Ripple Rejection (with Cadj 25µF) Frequency (Hz) 20 30 40 50 60 70 80 10 12 4 5 6 3 Fig. 3 – Minimum Load Current (Adjustable Version) Input / Output Differential Voltage (V) 1 2 3 4 5 0 TJ = 0°C TJ = 25°C TJ = 125°C Fig. 1 – Dropout Voltage (VOUT = 3.3V) COUT = 25 µF COUT = 25 µF COUT = 10 µF COUT = 10µF TJ = 0°C TJ = 50°C TJ = 125°C |