| データシートサーチシステム |
|
HT6P20A データシート(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT6P20A データシート(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 13 page ![]() Pin Assignment Pin Description HT6P20D Pin No. Pin Name I/O Internal Connection Description 16 1~3 D0~D3 I CMOS IN Pull-high Data input and transmission enable (active low) They can be externally set to VSS or left open. 4 VSS ¾¾ Negative power supply, ground 5~8 NC ¾¾ No connection 9 OSC2 O OSCILLATOR Oscillator output pin 10 OSC1 I OSCILLATOR Oscillator input pin 11 DOUT O CMOS OUT Data serial transmission output 12 VDD ¾¾ Positive power supply 13 VPP I ¾ Programming power supply, VDD for normal operation 14 SIO I/O CMOS IN/OUT Programming address/control code input and mode code output for mode verification 15 PGM I CMOS IN Pull-high Program mode control pin, active low Approximate internal connection circuits HT6P20X Series Rev. 1.40 2 June 20, 2003 1 2 3 4 8 7 6 5 S I O V P P V D D D O U T P G M V S S O S C 2 O S C 1 2 4 - A d d r e s s 0 - D a t a 2 0 - A d d r e s s 4 - D a t a 1 6 1 5 1 4 1 3 1 2 1 1 1 0 9 1 2 3 4 5 6 7 8 D 0 P G M S I O V P P V D D D O U T O S C 1 O S C 2 D 1 D 2 D 3 V S S N C N C N C N C 1 2 3 4 8 7 6 5 N C V D D D O U T O S C 1 D 0 D 1 V S S O S C 2 2 2 - A d d r e s s 2 - D a t a H T 6 P 2 0 A 8 D I P / S O P H T 6 P 2 0 B 8 D I P / S O P H T 6 P 2 0 D 1 6 D I P / N S O P C M O S I N / O U T C M O S I N P u l l - h i g h O S C I L L A T O R O S C 1 O S C 2 C M O S O U T V D D |