| データシートサーチシステム |
|
NFHC08322ADTPF データシート(PDF) 3 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NFHC08322ADTPF データシート(HTML) 3 Page - NIC-Components Corp. |
|
3 / 5 page ![]() 3 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Part Number Case Size Current Rating @ +70°C Marking Symbol Internal (Cold) Resistance (m Ω) max. Melting I2T (t=1ms) (A2×s) typical Voltage Drop (R/C x 100) mV typical Rated Voltage (DC) Breaking Capacity (Amps) Time/Current Characteristics Curent Pre-arc time NFCC04 251ABPAF 0402 0.25 C 1000 0.0005929 265 24 35 200% 5 sec. max. NFCC04 321ABPAF 0.315 D 750 0.00081 229 NFCC04 401ABPAF 0.4 E 620 0.0016384 210 NFCC04 501ABPAF 0.5 F 340 0.00225 188 NFCC04 631ABPAF 0.63 I 290 0.00441 170 NFCC04 751ABPAF 0.75 A 220 0.0055225 179 NFCC04 801ABPAF 0.8 K 210 0.00625 168 NFCC04 102ABPAF 1.0 L 150 0.0126025 164 NFCC04 132ABPAF 1.25 M 120 0.0207025 156 NFCC04 152ABPAF 1.5 H 100 0.02809 166 NFCC04 162ABPAF 1.6 N 90 0.036 156 NFHC04 202ABPAF 2.0 S 55 0.04624 121 NFHC04 252ABPAF 2.5 T 40 0.07744 119 NFCC06 251ABTPF 0603 0.25 CB 1800 0.0006084 474 32 35 200% 5 sec. max. NFCC06 321ABTPF 0.315 DB 1000 0.0010404 281 NFCC06 401ABTPF 0.4 EB 750 0.0017424 289 NFCC06 501ABTPF 0.5 FB 330 0.0024964 167 NFCC06 631ABTPF 0.63 IB 280 0.0036864 166 NFCC06 751ABTPF 0.75 AB 210 0.0054289 165 NFCC06 801ABTPF 0.8 KB 200 0.00625 175 NFCC06 102ABTPF 1.0 LB 130 0.0099225 133 NFCC06 132ABTPF 1.25 MB 110 0.0164025 144 NFCC06 152ABTPF 1.5 HB 95 0.02704 135 NFCC06 162ABTPF 1.6 NB 85 0.0330625 136 NFCC06 202ABTPF 2.0 SB 70 0.05929 146 NFCH06 252ABTPF 2.5 TB 40 0.14884 115 NFCC08 501ABTPF 0805 0.5 FB 330 0.0024025 162 50 50 200% 5 sec. max. NFCC08 631ABTPF 0.63 IB 270 0.0033124 164 NFCC08 801ABTPF 0.8 KB 190 0.0047089 160 NFCC08 102ABTPF 1.0 LB 130 0.0081225 129 NFCC08 132ABTPF 1.25 MB 100 0.0133225 138 NFCC08 162ABTPF 1.6 NB 80 0.02704 139 NFCC08 202ABTPF 2.0 SB 65 0.05041 139 NFHC08 252ABTPF 2.5 TB 40 0.11664 118 32 50 200% 5 sec. max. Surface Mount Fuse NFCC & NFHC Series AVAILABLE VALUES AND RATINGS Nominal Derating Option Code AD: < 80& of Rated Current Option Code AB: < 70% of Rated Current Ambient Temperature -55°C 70°C 90°C 125°C 0 80% 100% Current vs. Temperature Derating Guide Example: P/N NFCC0603102AB Rated Current: 1.0A @ 70°C Derating at 90°C: Current Rating x Normal Derating x Temperature Derating at +90°C 1.0A (Rated Current) x 0.70 (Type AB) x 0.80 (Temperature Derating) = 0.56A 1.0A (Rated Current) x 0.80 (Type AD) x 0.80 (Temperature Derating) = 0.64A |