データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAS9181B データシート(PDF) 5 Page - Micro Analog systems

部品番号 MAS9181B
部品情報  OCTAL 8 BIT TRIMMER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAS [Micro Analog systems]
ホームページ  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9181B データシート(HTML) 5 Page - Micro Analog systems

  MAS9181B Datasheet HTML 1Page - Micro Analog systems MAS9181B Datasheet HTML 2Page - Micro Analog systems MAS9181B Datasheet HTML 3Page - Micro Analog systems MAS9181B Datasheet HTML 4Page - Micro Analog systems MAS9181B Datasheet HTML 5Page - Micro Analog systems MAS9181B Datasheet HTML 6Page - Micro Analog systems MAS9181B Datasheet HTML 7Page - Micro Analog systems MAS9181B Datasheet HTML 8Page - Micro Analog systems MAS9181B Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DA9181.006
13 October, 1999
5
FUNCTIONS
I2C - bus
The MAS9181 I2C-bus interface is a receiver- only slave. Data is accepted from the I2C - bus in the following
format.
S
0 1 0 0 A2 A1 A0 0
A
I3 I2 I1 I0 SD SC SB
SA
A
D7 D6 D5 D4 D3 D2 D1
D0
A
P
Address byte
Instruction byte
First data byte
S
Start condition
A2, A1, A0
programmable address bits
P
Stop condition
I3, I2, I1, I0
instruction bits
A
Acknowledgement
SD, SC, SB, SA
sub-address bits
D7, D6, D5, D4, D3, D2, D2, D1, D0
data bits
I2C - bus timing
SDA
SCL
Bit Transfer on the I C-bus
2
Data line
stable
(data valid)
Change
of data
allowed
S
P
1-7
8
9
1-7
8
9
1-7
89
Start
condition
Stop
condition
SDA
SCL
Address
Data
Data
R/W
Ack
Ack
Ack
Complete Data Transfer



Html Pages

1 2 3 4 5 6 7 8 9