データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8248VR データシート(PDF) 37 Page - Motorola, Inc

部品番号 MPC8248VR
部品情報  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248VR データシート(HTML) 37 Page - Motorola, Inc

Back Button MPC8248VR Datasheet HTML 33Page - Motorola, Inc MPC8248VR Datasheet HTML 34Page - Motorola, Inc MPC8248VR Datasheet HTML 35Page - Motorola, Inc MPC8248VR Datasheet HTML 36Page - Motorola, Inc MPC8248VR Datasheet HTML 37Page - Motorola, Inc MPC8248VR Datasheet HTML 38Page - Motorola, Inc MPC8248VR Datasheet HTML 39Page - Motorola, Inc MPC8248VR Datasheet HTML 40Page - Motorola, Inc MPC8248VR Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
37
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Clock Configuration Modes
Clock Configuration Modes
1011_000
Reserved
1011_001
25.0
50.0
8
200.0 400.0
2.5
200.0 400.0
2.5
80.0
160.0
1011_010
25.0
50.0
8
200.0 400.0
3
240.0 480.0
2.5
80.0
160.0
1011_011
25.0
50.0
8
200.0 400.0
3.5
280.0 560.0
2.5
80.0
160.0
1011_100
25.0
50.0
8
200.0 400.0
4
320.0 640.0
2.5
80.0
160.0
1011_101
25.0
50.0
8
200.0 400.0
2.5
250.0 500.0
2
100.0 200.0
1011_110
25.0
50.0
8
200.0 400.0
3
300.0 600.0
2
100.0 200.0
1011_111
25.0
50.0
8
200.0 400.0
3.5
350.0 700.0
2
100.0 200.0
1100_101
31.3
50.0
6
187.5 300.0
4
250.0 400.0
3
62.5
100.0
1100_110
27.8
50.0
6
166.7 300.0
4.5
250.0 450.0
3
55.6
100.0
1100_111
25.0
50.0
6
150.0 300.0
5
250.0 500.0
3
50.0
100.0
1101_000
25.0
50.0
6
150.0 300.0
5.5
275.0 550.0
3
50.0
100.0
1101_001
29.8
50.0
6
178.6 300.0
3.5
250.0 420.0
2.5
71.4
120.0
1101_010
26.0
50.0
6
156.3 300.0
4
250.0 480.0
2.5
62.5
120.0
1101_011
25.0
50.0
6
150.0 300.0
4.5
270.0 540.0
2.5
60.0
120.0
1101_100
25.0
50.0
6
150.0 300.0
5
300.0 600.0
2.5
60.0
120.0
1110_000
25.0
50.0
5
125.0 250.0
2.5
156.3 312.5
2
62.5
125.0
1110_001
25.0
50.0
5
125.0 250.0
3
187.5 375.0
2
62.5
125.0
1110_010
28.6
50.0
5
142.9 250.0
3.5
250.0 437.5
2
71.4
125.0
1110_011
25.0
50.0
5
125.0 250.0
4
250.0 500.0
2
62.5
125.0
1110_100
37.5
50.0
5
187.5 250.0
4
250.0 333.3
3
62.5
83.3
1110_101
33.3
50.0
5
166.7 250.0
4.5
250.0 375.0
3
55.6
83.3
1110_110
30.0
50.0
5
150.0 250.0
5
250.0 416.7
3
50.0
83.3
1110_111
27.3
50.0
5
136.4 250.0
5.5
250.0 458.3
3
45.5
83.3
Table 18. Clock Configurations for PCI Agent Mode (PCI_MODCK=1) 1, 2 (continued)
Mode 3
PCI Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
Bus
Division
Factor
Bus Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56