データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8247CVR データシート(PDF) 41 Page - Motorola, Inc

部品番号 MPC8247CVR
部品情報  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8247CVR データシート(HTML) 41 Page - Motorola, Inc

Back Button MPC8247CVR Datasheet HTML 37Page - Motorola, Inc MPC8247CVR Datasheet HTML 38Page - Motorola, Inc MPC8247CVR Datasheet HTML 39Page - Motorola, Inc MPC8247CVR Datasheet HTML 40Page - Motorola, Inc MPC8247CVR Datasheet HTML 41Page - Motorola, Inc MPC8247CVR Datasheet HTML 42Page - Motorola, Inc MPC8247CVR Datasheet HTML 43Page - Motorola, Inc MPC8247CVR Datasheet HTML 44Page - Motorola, Inc MPC8247CVR Datasheet HTML 45Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
41
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Pinout
Pinout
A26
B14
A27
D14
A28
E14
A29
A14
A30
B15
A31
A15
TT0
B3
TT1
E8
TT2
D7
TT3
C4
TT4
E7
TBST
E3
TSIZ0
E4
TSIZ1
E5
TSIZ2
C3
TSIZ3
D5
AACK
D3
ARTRY
C2
DBG/IRQ7
F16
DBB/IRQ3
D18
D0
AC1
D1
AA1
D2
V3
D3
R5
D4
P4
D5
M4
D6
J4
D7
G1
D8
W6
D9
Y3
D10
V1
D11
N6
Table 19. Pinout (continued)
Pin Name
Ball
MPC8272/MPC8248 and
MPC8271/MPC8247
MPC8272/MPC8271 only
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56