データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8248CZQB データシート(PDF) 17 Page - Motorola, Inc

部品番号 MPC8248CZQB
部品情報  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8248CZQB データシート(HTML) 17 Page - Motorola, Inc

Back Button MPC8248CZQB Datasheet HTML 13Page - Motorola, Inc MPC8248CZQB Datasheet HTML 14Page - Motorola, Inc MPC8248CZQB Datasheet HTML 15Page - Motorola, Inc MPC8248CZQB Datasheet HTML 16Page - Motorola, Inc MPC8248CZQB Datasheet HTML 17Page - Motorola, Inc MPC8248CZQB Datasheet HTML 18Page - Motorola, Inc MPC8248CZQB Datasheet HTML 19Page - Motorola, Inc MPC8248CZQB Datasheet HTML 20Page - Motorola, Inc MPC8248CZQB Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
17
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
AC Electrical Characteristics
AC Electrical Characteristics
Figure 5 shows the SCC/SMC/SPI/I2C external clock.
Figure 5. SCC/SMC/SPI/I2C External Clock Diagram
Figure 6 shows the SCC/SMC/SPI/I2C internal clock.
Figure 6. SCC/SMC/SPI/I2C Internal Clock Diagram
Serial CLKin
SCC/SMC/SPI/I2C input signals
SCC/SMC/SPI/I2C output signals
sp18b
sp19b
sp38b/sp39b
(See note)
(See note)
Note: There are four possible timing conditions for SCC and SPI:
1. Input sampled on the rising edge and output driven on the rising edge (shown).
2. Input sampled on the rising edge and output driven on the falling edge.
3. Input sampled on the falling edge and output driven on the falling edge.
4. Input sampled on the falling edge and output driven on the rising edge.
BRG_OUT
SCC/SMC/SPI/I2C input signals
SCC/SMC/SPI/I2C output signals
sp18a
sp19a
sp38a/sp39a
(See note)
(See note)
Note: There are four possible timing conditions for SCC and SPI:
1. Input sampled on the rising edge and output driven on the rising edge (shown).
2. Input sampled on the rising edge and output driven on the falling edge.
3. Input sampled on the falling edge and output driven on the falling edge.
4. Input sampled on the falling edge and output driven on the rising edge.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56