| データシートサーチシステム |
|
DS96F173ME/883 データシート(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DS96F173ME/883 データシート(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 10 page ![]() DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers General Description The DS96F173 and the DS96F175 are high speed quad dif- ferential line receivers designed to meet the EIA-485 stan- dard. The DS96F173 and the DS96F175 offer improved per- formance due to the use of L-FAST bipolar technology. The use of LFAST technology allows the DS96F173 and DS96F175 to operate at higher speeds while minimizing power consumption. The DS96F173 and the DS96F175 have TRI-STATE® out- puts and are optimized for balanced multipoint data bus transmission at rates up to 15 Mbps. The receivers feature high input impedance, input hysteresis for increased noise immunity, and input sensitivity of 200 mV over a common mode input voltage range of −7V to +12V. The receivers are therefore suitable for multipoint applications in noisy environ- ments. The DS96F173 features an active high and active low Enable, common to all four receivers. The DS96F175 features separate active high Enables for each receiver pair. Features n Meets EIA-485, EIA-422A, EIA-423A standards n Designed for multipoint bus applications n TRI-STATE outputs n Common mode input voltage range: −7V to +12V n Operates from single +5.0V supply n Reduced power consumption (I CC = 50 mA max) n Input sensitivity of ±200 mV over common mode range n Input hysteresis of 50 mV typical n High input impedance n Military temperature range available n Qualified for MIL STD 883C n Available to standard military drawings (SMD) n Available in DIP(J), LCC(E), and FlatPak (W) packages n DS96F173 and DS96F175 are lead and function compatible with SN75173/175 or the AM26LS32/MC3486 Logic Diagrams Function Tables (Each Receiver) DS96F173 Differential Inputs Enable Output A–B E E Y V ID ≥ 0.2V H X H XL H V ID ≤ −0.2V H X L XL L XL X Z XX H Z H = High Level L = Low Level Z = High Impedance (off) X = Don’t Care (Each Receiver) DS96F175 Differential Inputs Enable Output A–B E Y V ID ≥ 0.2V H H V ID ≤ −0.2V H L XL Z TRI-STATE® is a registered trademark of National Semiconductor Corporation. DS009627-10 DS96F175 DS009627-11 July 2000 © 2000 National Semiconductor Corporation DS009627 www.national.com |
同様の部品番号 - DS96F173ME/883 |
|
同様の説明 - DS96F173ME/883 |