データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS96F173 データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DS96F173
部品情報  Quad Differential Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F173 データシート(HTML) 5 Page - National Semiconductor (TI)

  DS96F173 Datasheet HTML 1Page - National Semiconductor (TI) DS96F173 Datasheet HTML 2Page - National Semiconductor (TI) DS96F173 Datasheet HTML 3Page - National Semiconductor (TI) DS96F173 Datasheet HTML 4Page - National Semiconductor (TI) DS96F173 Datasheet HTML 5Page - National Semiconductor (TI) DS96F173 Datasheet HTML 6Page - National Semiconductor (TI) DS96F173 Datasheet HTML 7Page - National Semiconductor (TI) DS96F173 Datasheet HTML 8Page - National Semiconductor (TI) DS96F173 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Switching Characteristics (Continued)
V
CC = 5.0V
Symbol
Parameter
Conditions
T
A = 25˚C
T
A = −55˚C
T
A =
125˚C
Units
Typ
Max
Max
Max
t
ZL
Output Enable Time to Low
Level
C
L =15pF, Figure 3
13
18
27
27
ns
t
HZ
Output Disable Time from High
Level
C
L = 5.0 pF, Figure 2(Note 15)
14
20
27
27
ns
C
L =20pF, Figure 2(Note 15)
14
30
37
37
ns
t
LZ
Output Disable Time from Low
Level
C
L = 5.0 pF, Figure 3
14
18
30
30
ns
|t
PLH–tPHL|
Pulse Width Distortion (SKEW)
Figure 1
1
3
5.0
5.0
ns
SMD Number:
DS96F173MJ
5962-9076602 MEA
DS96F173MW
5962-9076602 MFA
DS96F173ME
5962-9076602 M2A
DS96F175MJ
5962-9076601 MEA
DS96F175MW
5962-9076601 MFA
DS96F175ME
5962-9076601 M2A
Order Number:
883 Marking
SMD Marking
DS96F173MJ/883
DS96F173MJ-SMD
DS96F175MJ/883
DS96F175MJ-SMD
See NS Package Number
J16A
DS96F173ME/883
DS96F173ME-SMD
DS96F175ME/883
DS96F175ME-SMD
See NS Package Number
E20A
DS96F173MW/883
DS96F173MW-SMD
DS96F175MW/883
DS96F175MW-SMD
See NS Package Number
W16A
For complete Military Product Specifications, refer
to the appropriate SMD or MDS.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10