| データシートサーチシステム |
|
QL8025 データシート(PDF) 27 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
QL8025 データシート(HTML) 27 Page - List of Unclassifed Manufacturers |
|
27 / 49 page ![]() 4XLFN/RJLF &RUSRUDWLRQ ZZZTXLFNORJLFFRP (FOLSVH,,)DPLO\ 'DWD 6KHHW 5HY % Preliminary )LJXUH5$0 &HOO6\QFKURQRXV DQG$V\QFKURQRXV5HDG7LPLQJ 7DEOH 5$0 &HOO 6\QFKURQRXV DQG $V\QFKURQRXV 5HDG 7LPLQJ 6\PERO 3DUDPHWHU 9DOXH 5$0&HOO6\QFKURQRXV 5HDG7LPLQJ 0LQ 0D[ tSRA RA setup time to RCLK: time the READ ADDRESS must be stable before the active edge of the READ CLOCK 0.686 ns - tHRA RA hold time to RCLK: time the READ ADDRESS must be stable after the active edge of the READ CLOCK 0 ns - tSRE RE setup time to WCLK: time the READ ENABLE must be stable before the active edge of the READ CLOCK 0.243 ns - tHRE RE hold time to WCLK: time the READ ENABLE must be stable after the active edge of the READ CLOCK 0 ns - tRCRD RCLK to RD: time between the active READ CLOCK edge and the time when the data is available at RD - 4.38 ns 5$0&HOO$V\QFKURQRXV5HDG7LPLQJ rPDRD RA to RD: time between when the READ ADDRESS is input and when the DATA is output - 2.06 ns tSRA tHRA RCLK RA tSRE tHRE tRCRD old data new data RE RD rPDRD |