| データシートサーチシステム |
|
QL8050 データシート(PDF) 26 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
QL8050 データシート(HTML) 26 Page - List of Unclassifed Manufacturers |
|
26 / 49 page ![]() ZZZTXLFNORJLFFRP 4XLFN/RJLF&RUSRUDWLRQ (FOLSVH,, )DPLO\ 'DWD 6KHHW5HY % Preliminary )LJXUH 5$0 &HOO 6\QFKURQRXV:ULWH 7LPLQJ 7DEOH 5$0 &HOO 6\QFKURQRXV :ULWH 7LPLQJ 6\PERO 3DUDPHWHU 9DOXH 5$0 &HOO6\QFKURQRXV:ULWH 7LPLQJ 0LQ 0D[ tSWA WA setup time to WCLK: time the WRITE ADDRESS must be stable before the active edge of the WRITE CLOCK 0.675 ns - tHWA WA hold time to WCLK: time the WRITE ADDRESS must be stable after the active edge of the WRITE CLOCK 0 ns - tSWD WD setup time to WCLK: time the WRITE DATA must be stable before the active edge of the WRITE CLOCK 0.654 ns - tHWD WD hold time to WCLK: time the WRITE DATA must be stable after the active edge of the WRITE CLOCK 0 ns - tSWE WE setup time to WCLK: time the WRITE ENABLE must be stable before the active edge of the WRITE CLOCK 0.623 ns - tHWE WE hold time to WCLK: time the WRITE ENABLE must be stable after the active edge of the WRITE CLOCK 0 ns - tWCRD WCLK to RD (WA = RA): time between the active WRITE CLOCK edge and the time when the data is available at RD - 4.38 ns tSWA tSWD tSWE tHWA tHWD tHWE tWCRD old data new data WCLK WA WD WE RD |