| データシートサーチシステム |
|
QL8150 データシート(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
QL8150 データシート(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 49 page ![]() 4XLFN/RJLF &RUSRUDWLRQ ZZZTXLFNORJLFFRP (FOLSVH,,)DPLO\ 'DWD 6KHHW 5HY % Preliminary 7DEOH'&,QSXWDQG2XWSXW/HYHOVD a. The data provided in 7DEOH and 7DEOH are JEDEC and PCI Specifications. QuickLogic devices either meet or exceed these requirements. For data specific to QuickLogic I/Os, see preceding 7DEOH through 7DEOH , )LJXUH through )LJXUH , and )LJXUH through )LJXUH . NOTE: $OO &/. DQG ,2&75/ SLQV DUH FODPSHG WR WKH 9GHG UDLO 7KHUHIRUHWKHVH SLQV FDQ EH GULYHQ XS WR 9GHG 9 ,15() 9,/ 9,+ 92/ 92+ ,2/ ,2+ 90,1 90$; 90,1 90$; 90,1 90$; 90$; 90,1 P$ P$ LVTTL n/a n/a -0.3 0.8 2.2 VCCIO + 0.3 0.4 2.4 2.0 -2.0 LVCMOS2 n/a n/a -0.3 0.7 1.7 VCCIO + 0.3 0.7 1.7 2.0 -2.0 LVCMOS18 n/a n/a -0.3 0.63 1.2 VCCIO + 0.3 0.7 1.7 2.0 -2.0 GTL+ 0.88 1.12 -0.3 INREF - 0.2 INREF + 0.2 VCCIO + 0.3 0.6 n/a 40 n/a PCI n/a n/a -0.3 0.3 x VCCIO 0.5 x VCCIO VCCIO + 0.5 0.1 x VCCIO 0.9 x VCCIO 1.5 -0.5 SSTL2 1.15 1.35 -0.3 INREF - 0.18 INREF + 0.18 VCCIO + 0.3 0.74 1.76 7.6 -7.6 SSTL3 1.3 1.7 -0.3 INREF - 0.2 INREF + 0.2 VCCIO + 0.3 1.10 1.90 8 -8 |