データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FPD85310 データシート(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 FPD85310
部品情報  Panel Timing Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85310 データシート(HTML) 15 Page - National Semiconductor (TI)

Back Button FPD85310 Datasheet HTML 11Page - National Semiconductor (TI) FPD85310 Datasheet HTML 12Page - National Semiconductor (TI) FPD85310 Datasheet HTML 13Page - National Semiconductor (TI) FPD85310 Datasheet HTML 14Page - National Semiconductor (TI) FPD85310 Datasheet HTML 15Page - National Semiconductor (TI) FPD85310 Datasheet HTML 16Page - National Semiconductor (TI) FPD85310 Datasheet HTML 17Page - National Semiconductor (TI) FPD85310 Datasheet HTML 18Page - National Semiconductor (TI) FPD85310 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Functional Description (Continued)
TABLE 3. EEPROM Memory Map (Continued)
Address
Data (# bits)
Default Values
D8,D7
hbp_reg (11)
00,94
DA,D9
vbp_reg (11)
00,23
DB
output_enable/polarity_control (8)
BF
FF–DC
not used/not loaded
—
DS101086-4
Note 7: Programmable CD Size “n” (up to 128)
Note 8: One or both clocks can be used
Note 9: Unused clocks can be turned off
Note 10: E/OCLK polarity is programmable
FIGURE 10. Dual Bus Single Port Column Driver Interface
(Non-skewed outputs)
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29