データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8272VRP データシート(PDF) 23 Page - Motorola, Inc

部品番号 MPC8272VRP
部品情報  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8272VRP データシート(HTML) 23 Page - Motorola, Inc

Back Button MPC8272VRP Datasheet HTML 19Page - Motorola, Inc MPC8272VRP Datasheet HTML 20Page - Motorola, Inc MPC8272VRP Datasheet HTML 21Page - Motorola, Inc MPC8272VRP Datasheet HTML 22Page - Motorola, Inc MPC8272VRP Datasheet HTML 23Page - Motorola, Inc MPC8272VRP Datasheet HTML 24Page - Motorola, Inc MPC8272VRP Datasheet HTML 25Page - Motorola, Inc MPC8272VRP Datasheet HTML 26Page - Motorola, Inc MPC8272VRP Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
23
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Clock Configuration Modes
Clock Configuration Modes
Table 15. Clock Configurations for PCI Host Mode (PCI_MODCK=0) 1, 2
Mode 3
Bus Clock
(MHz)
CPM
Multiplication
Factor 4
CPM Clock
(MHz)
CPU
Multiplication
Factor 5
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High
Default Modes (MODCK_H=0000)
0000_000
50.0
66.7
2
100.0 133.3
2.5
125.0 166.7
2
50.0
66.7
0000_001
50.0
66.7
2
100.0 133.3
3
150.0 200.0
2
50.0
66.7
0000_010
60.0
80.0
2.5
150.0 200.0
3
180.0 240.0
3
50.0
66.7
0000_011
71.4
80.0
2.5
178.6 200.0
3.5
250.0 280.0
3
59.5
66.7
0000_100
62.5
80.0
2.5
156.3 200.0
4
250.0 320.0
3
52.1
66.7
0000_101
50.0
66.7
3
150.0 200.0
3
150.0 200.0
3
50.0
66.7
0000_110
PCI host mode (PCI_MODCK=1) only (refer to Table 16)
0000_111
62.5
66.7
3
187.5 200.0
4
250.0 266.6
3
62.5
66.7
Full Configuration Modes
0001_000
50.0
66.7
3
150.0 200.0
5
250.0 333.3
3
50.0
66.7
0001_001
50.0
66.7
3
150.0 200.0
6
300.0 400.0
3
50.0
66.7
0001_010
50.0
66.7
3
150.0 200.0
7
350.0 466.6
3
50.0
66.7
0001_011
50.0
66.7
3
150.0 200.0
8
400.0 533.3
3
50.0
66.7
0010_000
50.0
66.7
4
200.0 266.6
5
250.0 333.3
4
50.0
66.7
0010_001
50.0
66.7
4
200.0 266.6
6
300.0 400.0
4
50.0
66.7
0010_010
50.0
66.7
4
200.0 266.6
7
350.0 466.6
4
50.0
66.7
0010_011
50.0
66.7
4
200.0 266.6
8
400.0 533.3
4
50.0
66.7
0010_100
75.0
100.0
4
300.0 400.0
5
375.0 500.0
6
50.0
66.7
0010_101
75.0
100.0
4
300.0 400.0
5.5
412.5 549.9
6
50.0
66.7
0010_110
75.0
100.0
4
300.0 400.0
6
450.0 599.9
6
50.0
66.7
0011_000
50.0
66.7
5
250.0 333.3
5
250.0 333.3
5
50.0
66.7
0011_001
50.0
66.7
5
250.0 333.3
6
300.0 400.0
5
50.0
66.7
0011_010
50.0
66.7
5
250.0 333.3
7
350.0 466.6
5
50.0
66.7
0011_011
50.0
66.7
5
250.0 333.3
8
400.0 533.3
5
50.0
66.7
0100_000
Reserved
0100_001
50.0
66.7
6
300.0 400.0
6
300.0 400.0
6
50.0
66.7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56