| データシートサーチシステム |
|
FPD85310VJD データシート(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
FPD85310VJD データシート(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 29 page ![]() Functional Description (Continued) FAILURE DETECTION TABLE 4. FPD85310 Failure Detection Mode No Clock No VSYNC No HSYNC No ENAB Fix Vertical/Horizontal (1) (2) (3) — Fix Vertical/ENAB Horizontal (1) (2) — (4) ENAB Only Mode (1) — — (5) (1) Wait ( ∼2) ms then output 2048 pixels/line and 2047 lines/frame. No esp/osp. No eclk/oclk. (2) Wait ( ∼2) ms then output input line time and 2047 lines/frame. With esp/osp. With eclk/oclk. (3) Wait ( ∼2) ms then output 2048 pixels/line and input frame time. With esp/osp. With eclk/oclk. (4) Wait ( ∼2) ms then output 2048 pixels/line and input frame time. No esp/osp. With eclk/oclk. (5) Wait ( ∼2) ms then output 2048 pixels/line and 2047 lines/frames. No esp/osp. With eclk/oclk. *default frame size is 2048 lines x 2048 pixels @ pixel rate of ∼25 MHz. *GPO control outputs are generated per programmed values. DS101086-11 FIGURE 17. Delay Circuit for Stable RSTZ www.national.com 21 |