| データシートサーチシステム |
|
DSOS104A データシート(PDF) 12 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DSOS104A データシート(HTML) 12 Page - Keysight Technologies |
|
12 / 42 page ![]() 12 | Keysight | Infiniium S-Series High-Definition Oscilloscopes - Data Sheet Personalized viewing – Determine how much space to give to results versus wave- forms using sliders – Undock and move a window to an external monitor using the tabbed layout – Easily scale and see independent waveforms with user- selectable 1, 2, 4, or even 16 simultaneous grids in each waveform window Oscilloscope Overview – User Interface Faster and better documentation – Quickly determine horizontal and vertical values as they are prominently displayed – Add annotations using bookmarks, measurement callouts, and dynamic delta marker readouts – Right-click to copy image without ever having to save to a file – Use the multi-purpose button to save screen images easily with auto-incrementing file names – Quickly save all waveforms, memories, functions, and setups in a single .osc file for later recall on an oscilloscope or PC – Save screen images as .jpg, .png, .gif, or .tiff Best usability, including touch screen Extensive research testing led to several touch-screen innovations not found in other oscilloscopes. All the following are industry firsts. – Click once to see handles that enable touch manipulation of markers, trigger level, and waveform-tasks that previously required a mouse – Multi-touch support for multi-touch (gestures) such as zooming and panning – Auto-sizing when touch button is turned on/off optimizes fields for fingers or a mouse Infiniium oscilloscopes have been consistently recognized for high usability. The next-generation Infiniium user interface that ships standard on S-Series oscilloscopes delivers even more capability. |