| データシートサーチシステム |
|
MPC8272VRT データシート(PDF) 21 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8272VRT データシート(HTML) 21 Page - Motorola, Inc |
|
21 / 56 page ![]() 21 MPC8272 PowerQUICC II™ Family Hardware Specifications MOTOROLA PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE AC Electrical Characteristics AC Electrical Characteristics NOTE Generally, all MPC8272 bus and system output signals are driven from the rising edge of the input clock (CLKin). Memory controller signals, however, trigger on four points within a CLKin cycle. Each cycle is divided by four internal ticks: T1, T2, T3, and T4. T1 always occurs at the rising edge, and T3 at the falling edge, of CLKin. However, the spacing of T2 and T4 depends on the PLL clock ratio selected, as shown in Table 13. Figure 11 is a representation of the information in Table 13. Figure 11. Internal Tick Spacing for Memory Controller Signals NOTE The UPM machine outputs change on the internal tick determined by the memory controller programming; the AC specifications are relative to the internal tick. Note that SDRAM and GPCM machine outputs change on CLKin’s rising edge. Table 13. Tick Spacing for Memory Controller Signals PLL Clock Ratio Tick Spacing (T1 Occurs at the Rising Edge of CLKin) T2 T3 T4 1:2, 1:3, 1:4, 1:5, 1:6 1/4 CLKin 1/2 CLKin 3/4 CLKin 1:2.5 3/10 CLKin 1/2 CLKin 8/10 CLKin 1:3.5 4/14 CLKin 1/2 CLKin 11/14 CLKin CLKin T1 T2 T3 T4 CLKin T1 T2 T3 T4 for 1:2.5 for 1:3.5 CLKin T1 T2 T3 T4 for 1:2, 1:3, 1:4, 1:5, 1:6 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |