| データシートサーチシステム |
|
M38C37ECAFP データシート(PDF) 29 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38C37ECAFP データシート(HTML) 29 Page - Mitsubishi Electric Semiconductor |
|
29 / 62 page ![]() 29 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 38C3 Group Duty ratio 1 2 3 4 Voltage value VL3=VLCD VL2=2/3 VLCD VL1=1/3 VLCD VL3=VLCD VL2=VL1=1/2 VLCD VL3=VLCD VL2=VL1=VSS Bias Control and Applied Voltage to LCD Power Input Pins To the LCD power input pins (VL1–VL3), apply the voltage value shown in Table 8 according to the bias value. Select a bias value by the bias control bit (bit 2 of the LCD mode register). Common Pin and Duty Ratio Control The common pins (COM0–COM3) to be used are determined by duty ratio. Select duty ratio by the duty ratio selection bits (bits 0 and 1 of the LCD mode register). When selecting 1-duty ratio, 1/1 bias can be used. Fig. 29 Example of circuit at each bias Table 8 Bias control and applied voltage to VL1–VL3 Bias value 1/3 bias 1/2 bias 1/1 bias (1-duty ratio) Note 1: VLCD is the maximum value of supplied voltage for the LCD panel. Table 9 Duty ratio control and common pins used Notes 1:COM1, COM2, and COM3 are open. 2:COM2 and COM3 are open. 3:COM3 is open. Common pins used COM0 (Note 1) COM0, COM1 (Note 2) COM0–COM2 (Note 3) COM0–COM3 Bit 1 0 0 1 1 Bit 0 0 1 0 1 Duty ratio selection bit R4 R5 R4 = R5 Contrast control 1/2 bias VL3 Contrast control R1 R2 R3 R1 = R2 = R3 1/3 bias R6 Contrast control 1/1 bias VL1 VL2 VL3 VL1 VL2 VL3 VL1 VL2 |