| データシートサーチシステム |
|
T1122NL データシート(PDF) 3 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
T1122NL データシート(HTML) 3 Page - Pulse A Technitrol Company |
|
3 / 8 page ![]() 16 www.pulseeng.com G003.U (2/07) TRANSFORMERS, TRANSFORMER MODULES T1/E1/CEPT/ISDN-Pri—Octal OCTAL TRANSFORMERS (eight transformers per package) 1.5 kV Isolation, Standard Temperature Range, SMT T1063 T1063NL 1:1.36 1:1.36CT 1.125 / .640 / .230 T622 T1064 T1064NL 1:1.14 1:1.14CT 1.125 / .640 / .230 T622 T1065 T1065NL 1:2CT 1:2CT 1.125 / .640 / .230 T622 T1066 T1066NL 1:2 1:2CT 1.125 / .640 / .230 T622 T1067 T1067NL 1:1.36CT 1:2CT 1.125 / .640 / .230 T622 T1068 T1068NL 1:2CT 1:1CT 1.125 / .640 / .230 T622 T1069 T1069NL 1CT:1.41 1CT:1.41 1.125 / .640 / .230 T622 T1070 T1070NL 1:1.15 1:2CT 1.125 / .640 / .230 T622 T1071 T1071NL 1:1/1.26 1:2CT 1.125 / .640 / .230 T622 T1072 T1072NL 1:1.15 1:1.15 1.125 / .640 / .230 T622 T1073 T1073NL 1:2 1:2 1.125 / .640 / .230 T622 T1124 T1124NL 1:2CT 1CT:2 1.125 / .640 / .230 T622 T1125 T1125NL 1:1.70 1:1.36CT 1.125 / .640 / .230 T622 T1129 T1129NL 1:1.36CT 1:1CT 1.125 / .640 / .230 T622 T1142 T1142NL 1:2.4 1:1 1.125 / .640 / .230 T622 T1145 T1145NL 1:2/2.4 1:0.79/1 1.125 / .640 / .230 T622 T1180 T1180NL 1:2.42 1:2.42 1.125 / .640 / .230 T622 T1181 T1181NL 1:2.1CT 1:2.1CT 1.125 / .640 / .230 T622 T1182 T1182NL 1:2.45CT 1:2.45CT 1.125 / .640 / .230 T622 T1078 T1078NL 1:1.08 1.08CT:1 1.125 / .640 / .230 T622 1.5 kV Isolation, Extended Temperature Range, SMT T1103 T1103NL 1:1.36 1:1.36CT 1.125 / .640 / .230 T622 T1104 T1104NL 1:1.14 1:1.14CT 1.125 / .640 / .230 T622 T1105 T1105NL 1:2CT 1:2CT 1.125 / .640 / .230 T622 T1106 T1106NL 1:2 1:2CT 1.125 / .640 / .230 T622 T1107 T1107NL 1:1.36CT 1:2CT 1.125 / .640 / .230 T622 T1108 T1108NL 1:2CT 1:1CT 1.125 / .640 / .230 T622 T1109 T1109NL 1CT:1.41 1CT:1.41 1.125 / .640 / .230 T622 T1110 T1110NL 1:1.15 1:2CT 1.125 / .640 / .230 T622 T1111 T1111NL 1:1/1.26 1:2CT 1.125 / .640 / .230 T622 1.5 kV Isolation, Standard Temperature Range, SMT T1112 T1112NL 1:1.15 1:1.15 1.125 / .640 / .230 T622 T1113 T1113NL 1:2 1:2 1.125 / .640 / .230 T622 T1114 T1114NL 1:2CT 1CT:2 1.125 / .640 / .230 T622 T1226 T1226NL 1:1.5 1.41:1 1.125 / .640 / .230 T622 T1231 T1231NL 1:2.4 1:1 1.125 / .640 / .230 T622 TX1262 TX1262NL 1:2 1:2 1.125 / .640 / .230 T622 TX1264 TX1264NL 1:2CT 1CT:1.41 1.125 / .640 / .230 T622 TX1266 TX1266NL 1:2 1:1 1.125 / .640 / .230 T622 TX1292 TX1292NL 1:1.36 1:1 1.125 / .640 / .230 T622 TX1294 TX1294NL 1:1CT 1:1CT 1.125 / .640 / .230 T622 TX1295 TX1295NL 1:1.26CT 1:1.26CT 1.125 / .640 / .230 T622 TX1298 TX1298NL 1:1 1:1 1.125 / .640 / .230 T622 TX1299 TX1299NL 1:2.42 1:2.42 1.125 / .640 / .230 T622 TX1341 TX1341NL 1:2 1:2 1.000 / .425 / .295 T671 TX1342 TX1342NL 1:1.15 1:1.15 1.000 / .425 / .295 T671 T1343 T1343NL 1:1.266 1:1.266 1.000 / .425 / .295 T671 TX1344 TX1344NL 1:1 1:2 1.000 / .425 / .295 T671 TX1470 TX1470NL 1:1.41 1:1.41 1.000 / .425 / .295 T671 TX1472 TX1472NL 1: 2.4 1:1 1.000 / .425 / .295 T671 TX1473 TX1473NL 1:2 1:1 1.000 / .425 / .295 T671 TX1474 TX1474NL 1:2.42 1:2.42 1.000 / .425 / .295 T671 TX1471 TX1471NL 1:1 1:1 1.000 / .425 / .295 T671 OCTAL TRANSFORMER/CHOKE INTERFACE MODULES 1.5 kV Isolation, Extended Temperature Range, SMT TX1263 TX1263NL 1:2 1:2 1.125 / .640 / .285 T682 TX1267 TX1267NL 1:2 1:1 1.125 / .640 / .285 T682 Part RoHS-6 Turns Ratio Package Data Number Part Number TX RX L/W/H (in.)* Sheet T1/E1 Protection Modules OCTAL TRANSFORMER MODULES, 1.5 kV Isolation Extended Temperature Range, Line Side Protection, SMT TX RX T9030 1CT:2 1CT:1 1.2 1.255 / .852 / .305 T656 TX9031 1CT:2.4 1:1CT 1.2 1.255 / .852 / .305 T670 TX9032 1CT:1 1:1CT 1.2 1.255 / .852 / .305 T680 TX9033 1CT:1.14 1.14:1CT 1.2 1.255 / .852 / .305 T680 IC Side Protection, SMT T9021 1:2.42 1:2.42 .6 1.125 / .640 / .285 T657 TX9020 1:2.42 1:2.42 1.2 1.125 / .640 / .285 T677 TX9022 1:2.42 1:2.42 1.2 1.125 / .640 / .285 T677 TX9023 1:2 1:2 1.2 1.125 / .640 / .285 T674 TX9025 1:2CT 1:2 1.2 1.125 / .640 / .285 T686 TX9027 1:2 1:2 1.2 1.125 / .640 / .285 T691 T3/DS3/E3/STS-1—Single, Dual, Six Octal, Twelve SINGLE TRANSFORMERS THT PE-68629 1:1 40 .350 / .500 / .250 T606 PE-65966 1:1 40 .300 / .280 / .250 T606 PE-65663 1:1 40 .300 / .400 / .250 T606 PE-65969 1:2CT 19 .300 / .280 / .250 T606 PE-65664 1:2CT 35 .300 / .400 / .250 T606 PE-68630 1:2CT 19 .350 / .500 / .250 T606 PE-65779 1:4CT 200 .300 / .400 / .250 T606 PE-65856 1:1.73CT 50 .300 / .280 / .250 T606 SMT PE-65967 1:1 40 .300 / .390 / .250 T606 PE-65662 1:1 45 .300 / .420 / .200 T606 PE-65968 1:2CT 19 .300 / .390 / .250 T606 PE-65661 1:2CT 35 .300 / .420 / .200 T606 SMT, Extended Temperature Range T3001 1:1 100 .300 / .390 / .250 T619 T3002 1:2CT 40 .300 / .390 / .250 T619 T3011 1:1 100 .300 / .390 / .250 T619 T3012 1:2CT 40 .300 / .390 / .250 T619 T3027 1CT:1CT 40 .300 / .390 / .250 T619 T3029 1:1.15CT 40 .300 / .390 / .250 T619 DUAL TRANSFORMERS, SMT, Extended Temperature Range T3020 1:2CT & 1:1 40 & 100 .505 / .375 / .245 T655 T3021 1:2CT & 1:2CT 100 & 100 .505 / .375 / .245 T655 T3023 1:1 & 1:1 40 & 40 .505 / .375 / .245 T655 TX3025 1CT:1CT & 1:1 100 & 100 .505 / .375 / .245 T655 TX3026 1:2CT & 1:1 100 & 100 .505 / .375 / .245 T655 SIX TRANSFORMERS (Triple Port) SMT, Extended Temperature Range TX3036 1:1 100 .537 / .510 / .226 T672 OCTAL TRANSFORMERS (Quad Port) SMT TX3042 1:1 & 1:2CT 40 1.125 / .640 / .230 T690 TX3045 1:1 & 1:2 40 1.000 / .425 / .295 T663 TX3047 1:1 40 1.000 / .425 / .295 T663 T3048 1:1 40 1.000 / .425 / .295 T663 T3049 1:2 19 1.000 / .425 / .295 T663 TWELVE TRANSFORMERS (Six Port) SMT, Extended Temperature Range TX3051 1:1 60 1.120 / .630 / .280 T668 TX3052 1:2 40 1.120 / .630 / .280 T668 Part Turns Primary Inductance Package Data Number Ratio OCL (µH MIN) L/W/H (in.)* Sheet DUAL, SMT A7802 1:1 42 .500 / .295 / .220 A103 ST6200QNL 1CT:1CT 28 .455 / .375 / .225 T692 1. SOIC = 50 mil pitch leads. Length and width are MAX package dimensions. Height dimensions include the wash area. Part Turns Primary Inductance Package Data Number Ratio OCL (µH MIN) L/W/H (in.) ¹ Sheet SONET/SDH (STM-1/E4/CMI) SMT - Surface Mount Package THT - Through Hole Package *L/W/H is measured on surface mount parts tip to tip (height includes wash area). TELECOMMUNICATIONS PRODUCTS Telecommunications Products |