| データシートサーチシステム |
|
ST72561 データシート(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72561 データシート(HTML) 52 Page - STMicroelectronics |
|
52 / 262 page ![]() ST72561 52/262 I/O PORTS (Cont’d) Table 13. Port Configuration * Note: when the CANTX alternate function is selected, the I/O port operates in output push-pull mode. Port Pin name Input Output OR = 0 OR = 1 OR = 0 OR = 1 Port A PA0 floating pull-up interrupt (ei0) open drain push-pull PA1 floating interrupt (ei0) PA2 pull-up interrupt (ei0) PA3 floating interrupt (ei0) PA4 pull-up interrupt (ei0) PA5 floating interrupt (ei0) PA6 pull-up interrupt (ei0) PA7 floating interrupt (ei0) Port B PB0 floating pull-up interrupt (ei1) open drain push-pull PB1 floating interrupt (ei1) PB2 pull-up interrupt (ei1) PB3 floating interrupt (ei1) PB4 pull-up interrupt (ei1) PB5 floating interrupt (ei1) Port C PC0 floating pull-up open drain push-pull PC1 pull-up interrupt (ei2) PC2 floating interrupt (ei2) PC3 pull-up PC4 pull-up controlled by CANTX * PC7:5 floating pull-up open drain push-pull Port D PD0 floating pull-up interrupt (ei3) open drain push-pull PD1 floating interrupt (ei3) PD3:2 pull-up PD4 floating interrupt (ei3) PD5 pull-up PD6 pull-up interrupt (ei3) PD7 floating interrupt (ei3) Port E PE7:0 floating (TTL) pull-up (TTL) open drain push-pull Port F PF7:0 floating (TTL) pull-up (TTL) open drain push-pull |