データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB80NF06 データシート(PDF) 8 Page - STMicroelectronics

部品番号 STB80NF06
部品情報  N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF06 データシート(HTML) 8 Page - STMicroelectronics

Back Button STB80NF06 Datasheet HTML 4Page - STMicroelectronics STB80NF06 Datasheet HTML 5Page - STMicroelectronics STB80NF06 Datasheet HTML 6Page - STMicroelectronics STB80NF06 Datasheet HTML 7Page - STMicroelectronics STB80NF06 Datasheet HTML 8Page - STMicroelectronics STB80NF06 Datasheet HTML 9Page - STMicroelectronics STB80NF06 Datasheet HTML 10Page - STMicroelectronics STB80NF06 Datasheet HTML 11Page - STMicroelectronics STB80NF06 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Test circuit
STP80NF06 - STB80NF06 - STW80NF06
8/14
3
Test circuit
Figure 13. Switching times test circuit for
resistive load
Figure 14. Gate charge test circuit
Figure 15. Test circuit for inductive load
switching and diode recovery times
Figure 16. Unclamped Inductive load test
circuit
Figure 17. Unclamped inductive waveform
Figure 18. Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14