| データシートサーチシステム |
|
STV2246H データシート(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV2246H データシート(HTML) 51 Page - STMicroelectronics |
|
51 / 86 page ![]() STV224XH/228XH/223XH - I²C BUS SELECTION 51/86 6.3.7 Chroma Controls 10 APR Enable 1X X X X X X X X X X X X X X 0 1 0 = APR disable. 1 = APR enable. Note: WR10 d0 to be set to 1 when RGB peak limi- tation is used APR Threshold 4 X X X X X X 0 1 0 1 0 1 0 1 X X 50 IRE. 100 IRE. RGB OSD Con- trast Selection 1X X X X 0 1 X X X X X X X X X X 0 = Contrast control disable. 1 = Contrast control enable. CRT/LCD Display 1 X X 0 1 X X X X X X X X X X X X 0 = RGB output blanking active, CRT Display 1 = RGB output blanking replaced by black level, LCD Display White Insertion 1 0 1 X X X X X X X X X X X X X X White Insertion controlled by WR0Fd7 White forced at RGB Output Reg. Addr (Hex) Description Bits Data Comments d7 d6 d5 d4 d3 d2 d1 d0 Reg. Addr. (Hex) Description Bits Data Comments d7 d6 d5 d4 d3 d2 d1 d0 11 Bell Filter Adjust 5X X X X X X 0 1 0 1 0 1 0 1 0 1 0kHz. +100 kHz. PAL/NTSC Demodulation Gain 1X X X X 0 1 X X X X X X X X X X 0 = 0 dB gain (nominal). 1 = +6 dB gain. NTSC Matrix 1 X X 0 1 X X X X X X X X X X X X 0 = 90° matrix selection. 1 = 104° matrix selection (in NTSC only). ACC Overload Disable 1 0 1 X X X X X X X X X X X X X X 0 = ACC overload active. 1 = ACC overload disable. 12 Bandpass adjust 4X X X X X X X X 0 1 0 1 0 1 0 1 f = fosc. f = 1.1*fosc. Chroma reference out- put 1X X X X X X 0 1 X X X X X X X X 0 = Chroma reference output OFF. 1 = Chroma reference output ON. Chroma DL selection 1X X X X 0 1 X X X X X X X X X X 0 = ON. 1 = OFF. Not to be used 2 0 0 X X X X X X 13 Crystal Selection 2X X X X X X X X X X X X X X X X X X X X 0 0 1 1 0 1 0 1 X X X X XTAL1 (4.43/3.5XX MHz). XTAL2 (3.5XX MHz). XTAL3 (3.5XX MHz). Not allowed. Standard Selection 2X X X X X X X X X X X X X X X X X X X X X 0 0 1 1 1 1 X 0 1 0 0 0 1 X X X 0 0 1 X 1 X X 0 1 0 X 1 X X 0 X X X X PAL. NTSC. SECAM (only with XTAL1). Not allowed. Not allowed. AUTO mode. Not allowed Crystal Inhibition 2X X X X X X X X 0 0 1 1 X X X X X X X X X X X X X X X X 0 1 0 1 Two-crystal, P/S/N application. Three-crystal, P/N application. One-crystal, P/S/N 4.43 MHz application. Two-crystal, P/N application. Not to be used 2 0 0 X X X X X X |