| データシートサーチシステム |
|
STM810SW16F データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM810SW16F データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 18 page ![]() 11/18 STM809/810/811/812 DC AND AC PARAMETERS This section summarizes the operating measure- ment conditions, and the DC and AC characteris- tics of the device. The parameters in the DC and AC characteristics Tables that follow, are derived from tests performed under the Measurement Conditions summarized in Table 4., Operating and AC Measurement Conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Table 4. Operating and AC Measurement Conditions Figure 14. AC Testing Input/Output Waveforms Figure 15. MR Timing Waveform Note: 1. RST for STM810/812 Parameter STM809/810/811/812 Unit VCC Supply Voltage 1.0 to 5.5 V Ambient Operating Temperature (TA) –40 to 85 °C Input Rise and Fall Times ≤ 5ns Input Pulse Voltages 0.2 to 0.8VCC V Input and Output Timing Ref. Voltages 0.3 to 0.7VCC V AI02568 0.8VCC 0.2VCC 0.7VCC 0.3VCC AI07837a RST (1) MR tMLRL trec tMLMH |