データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LDO06C-005W05-VJ データシート(PDF) 1 Page - Artesyn Technologies

部品番号 LDO06C-005W05-VJ
部品情報  POWER 30 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARTESYN [Artesyn Technologies]
ホームページ  
Logo ARTESYN - Artesyn Technologies

LDO06C-005W05-VJ データシート(HTML) 1 Page - Artesyn Technologies

  LDO06C-005W05-VJ_15 Datasheet HTML 1Page - Artesyn Technologies LDO06C-005W05-VJ_15 Datasheet HTML 2Page - Artesyn Technologies LDO06C-005W05-VJ_15 Datasheet HTML 3Page - Artesyn Technologies LDO06C-005W05-VJ_15 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
LDO06C Series
30 Watts
Total Power:
30 Watts
Input Voltage: 3 - 13.8 Vdc
# of Outputs:
Single
SPECIAL FEATURES
ƒ
6 A output current rating
ƒ
Input voltage range: 3 - 13.8 Vdc
ƒ
Adjustable output voltage:
0.59 - 5.1 V
ƒ
Optional factory setting with power
good
ƒ
Excellent transient response
ƒ
Power enable
ƒ
Minimum airflow
ƒ
Small package
ƒ
Termination voltage capability
ƒ
RoHS compliant
SAFETY
ƒ
UL, cUL 60950-1
ƒ
TÜV Product Service (EN60950)
ƒ
CE
Electrical Specifications
Input
Input voltage range
3 - 13.8 Vdc
Input current
Minimum load
Remote OFF
50 mA
5 mA
Input current (max.)
See Note 3
6 A @ lo max.
Start-up time
Power up
Remote ON/OFF
3 ms
2 ms
Output
Output voltage
See Note 5
0.59 - 5.1 V
Output setpoint accuracy
0.1% trim resistors
±1.0%
Line regulation
Low line to high line
±0.2%
Load regulation
Full load to min. load
±0.5%
Min./max. load
0 A/6 A
Overshoot
At turn-on
0.5% max.
Undershoot
At turn-off
100 mV max.
Ripple and noise
5 Hz to 20 MHz
See Note 1
20 mV
Vin = 5 V, Vout = 2.5 V
Transient response
See Note 1, 2
130 mV max. deviation 15 μs
recovery to within regulation band
General
Efficiency (high input)
Vin = 5 V, Vo = 2.5 V, lo = 6 A
92%
Switching frequency
Fixed
760 kHz
Material flammability
UL94V-0
Weight
1.899 g (0.067 oz.)
MTBF
12 V @ 40 °C, 100% load
Bellcore 332
8,222,210 hours
Coplanarity
Surface mount models
150 μm
Data Sheet


同様の部品番号 - LDO06C-005W05-VJ_15

メーカー部品番号データシート部品情報
logo
Artesyn Technologies
LDO06C-005W05-VJ ARTESYN-LDO06C-005W05-VJ Datasheet
715Kb / 21P
Single Output 6 A DC-DC C Class Non-Isolated DC/DC Converter
logo
Emerson Network Power
LDO06C-005W05-VJ EMERSON-NETWORKPOWER-LDO06C-005W05-VJ Datasheet
169Kb / 4P
6 A output current rating
More results

同様の説明 - LDO06C-005W05-VJ_15

メーカー部品番号データシート部品情報
logo
Astec America, Inc
APC08 ASTEC-APC08 Datasheet
389Kb / 2P
30 Watts
AUK11M48 ASTEC-AUK11M48 Datasheet
90Kb / 2P
30 Watts Embedded Power
logo
Power-One
BLP30-1005G POWER-ONE-BLP30-1005G Datasheet
83Kb / 6P
30 Watts
logo
Power Mate Technology C...
FEC30-12S1P5 P-DUKE-FEC30-12S1P5 Datasheet
343Kb / 3P
30 WATTS MAXIMUM OUTPUT POWER
FEC30-24S1P5W P-DUKE-FEC30-24S1P5W Datasheet
279Kb / 3P
30 WATTS MAXIMUM OUTPUT POWER
FED30-12S1P5 P-DUKE-FED30-12S1P5 Datasheet
325Kb / 3P
30 WATTS OUTPUT POWER
FED30-24S1P5W P-DUKE-FED30-24S1P5W Datasheet
383Kb / 3P
30 WATTS OUTPUT POWER
logo
Bothhand USA, LP.
SP9927 BOTHHAND-SP9927 Datasheet
49Kb / 1P
30 Watts Switching Power Supply
logo
Tumbler Technologies + ...
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
30 Watts Medical Power Adapters
logo
Anaren Microwave
100200-4X50-2 ANAREN-100200-4X50-2 Datasheet
357Kb / 2P
30 Watts
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com