| データシートサーチシステム |
|
TC58FVT321 データシート(PDF) 4 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC58FVT321 データシート(HTML) 4 Page - Toshiba Semiconductor |
|
4 / 48 page ![]() TC58FVT321/B321FT/XB-70,-10 2002-08-06 4/48 MODE SELECTION BYTE MODE WORD MODE MODE CE OE WE A9 A6 A1 A0 RESET /ACC WP DQ0~DQ7 (1) DQ0~DQ15 Read L L H A9 A6 A1 A0 H * DOUT DOUT ID Read (Manufacturer Code) L L H VID L L L H * Code Code ID Read (Device Code) L L H VID L L H H * Code Code Standby H * * * * * * H * High-Z High-Z Output Disable * H H * * * * * * High-Z High-Z Write L H (2) A9 A6 A1 A0 H * DIN DIN Block Protect 1 L VID (2) VID L H L H * * * Verify Block Protect L L H VID L H L H * Code Code Temporary Block Unprotect * * * * * * * VID * * * Hardware Reset / Standby * * * * * * * L * High-Z High-Z Boot Block Protect * * * * * * * * L * * Notes: * = VIH or VIL, L = VIL, H = VIH (1) DQ8~DQ14 are High-Z and DQ15/A-1 is Address Input in Byte Mode. Addresses are A20~A0 in Word Mode ( BYTE = VIH), A20~A-1 in Byte Mode ( BYTE = VIL). (2) Pulse input ID CODE TABLE CODE TYPE A20~A12 A6 A1 A0 CODE (HEX) (1) Manufacturer Code * L L L 0098H TC58FVT321 * L L H 009AH Device Code TC58FVB321 * L L H 009CH Verify Block Protect BA (2) L H L Data (3) Notes: * = VIH or VIL, L = VIL, H = VIH (1) DQ8~DQ14 are High-Z and DQ15/A-1 is Address Input in Byte Mode. (2) BA: Block Address (3) 0001H - Protected Block 0000H - Unprotected Block |