| データシートサーチシステム |
|
TMP101NA/3K データシート(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMP101NA/3K データシート(HTML) 4 Page - Texas Instruments |
|
4 / 10 page ![]() TMP100, 101 4 SBOS231C www.ti.com TYPICAL CHARACTERISTICS At TA = +25°C, V+ = 5.0V, unless otherwise noted. 70 60 50 40 30 QUIESCENT CURRENT vs TEMPERATURE Temperature ( °C) –60 –40 –20 0 20 40 60 80 100 120 140 Serial Bus Inactive V+ = 5V V+ = 2.7V 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 –0.1 SHUTDOWN CURRENT vs TEMPERATURE Temperature ( °C) –60 –40 –20 0 20 40 60 80 100 120 140 400 350 300 250 CONVERSION TIME vs TEMPERATURE Temperature ( °C) –60 –40 –20 0 20 40 60 80 100 120 140 V+ = 5V V+ = 2.7V NOTE: 12-bit resolution. 2.0 1.5 1.0 0.5 0.0 –0.5 –1.0 –1.5 –2.0 TEMPERATURE ACCURACY vs TEMPERATURE Temperature ( °C) –60 –40 –20 0 20 40 60 80 100 120 140 3 Typical Units NOTE: 12-bit resolution. 180 160 140 120 100 80 60 40 20 0 QUIESCENT CURRENT WITH BUS ACTIVITY vs TEMPERATURE SCL Frequency (Hz) 10k 100k 1M 10M 125 °C FAST MODE Hs MODE –55 °C –55 °C 125 °C 25 °C 25 °C |