| データシートサーチシステム |
|
PT-RZ12K データシート(PDF) 13 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
PT-RZ12K データシート(HTML) 13 Page - Panasonic Semiconductor |
|
13 / 14 page ![]() List of compatible 3D signals The 3D signals that can be input to this projector are shown in the table below. Yes – Yes Yes – – Yes Yes – Yes – –– Yes Yes – Yes – Yes – Yes Yes – Yes – Yes – Yes – Yes – Display mode Display resolution (dots)*1 Scanning frequency H (kHz) V (kHz) Dot clock frequency (MHz) Frame packing HDMI Side by side*2 Top and bottom Side by side*2 DVI Top and bottom Line by line Frame sequen- tial – Yes – Yes – Frame sequen- tial 1280 × 720 1920 × 1080i 1920 × 1080 1920 × 1080i 1920 × 1080 640 × 480 800 × 600 1024 × 768 1152 × 864 1280 × 720 1280 × 768 1280 × 768 1280 × 800 1280 × 800 1280 × 960 1280 × 1024 1366 × 768 1400 × 1050 1440 × 900 1600 × 1200 1680 × 1050 1920 × 1080 1920 × 1080 1920 × 1200 640 × 480 800 × 600 1024 × 768 1152 × 864 1280 × 960 1280 × 1024 1400 × 1050 1440 × 900 1600 × 1200 1680 × 1050 1920 × 1200 1920 × 1200 45.0 37.5 33.8 28.1 27.0 27.0 28.1 33.8 67.5 56.3 31.5 37.9 39.6 48.4 81.4 98.8 53.7 37.1 44.8 76.3 92.6 39.6 47.8 47.4 41.3 49.7 49.3 60.0 52.4 64.0 47.7 39.6 54.1 64.0 65.2 65.3 55.9 46.3 75.0 65.3 54.1 55.6 66.6 61.8 74.0 60.0 50.0 60.0 50.0 24.0 48.0 25.0 30.0 60.0 50.0 59.9 60.3 50.0 60.0 100.0 120.0 60.0 49.8 59.9 100.0 120.0 49.9 59.9 60.0 50.0 59.8 59.9 60.0 50.0 60.0 59.8 49.9 50.0 60.0 60.0 60.0 59.9 49.9 60.0 60.0 50.0 49.9 59.9 49.9 60.0 74.3 74.3 74.3 74.3 74.3 74.3 74.3 74.3 148.5 148.5 25.2 40.0 51.9 65.0 113.3 139.1 81.6 60.5 74.5 131.8 161.6 65.3 79.5 68.3 68.0 83.5 71.0 108.0 88.0 108.0 85.5 69.0 99.9 108.0 122.6 121.8 106.5 86.8 162.0 146.3 119.5 141.5 138.5 158.3 154.0 750 (720)/60p 750 (720)/50p 1125 (1080)/60i 1125 (1080)/50i 1125 (1080)/24p 1125 (1080)/24sF 1125 (1080)/25p 1125 (1080)/30p 1125 (1080)/60p 1125 (1080)/50p 1280 × 720 1280 × 768 1280 × 800 1366 × 768 1600 × 900 46.4 55.9 49.9 60.0 119.0 96.5 1600 × 900 61.8 49.9 131.5 1920 × 1080 *3 *3 *3 *3 *1The “i” appearing after the resolution indicates an interlaced signal. *2 Compatible with half-resolution signals. *3Compliant with VESA CVT-RB (Coordinated Video Timing-Reduced Blanking). PT- RZ12K 3-Chip DLP™ Projector As of September 2015 13/14 SFD15M030 |