| データシートサーチシステム |
|
PCMF3USB3S データシート(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCMF3USB3S データシート(HTML) 3 Page - NXP Semiconductors |
|
3 / 23 page ![]() PCMFXUSB3S_SER All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet Rev. 2 — 7 March 2016 3 of 23 NXP Semiconductors PCMFxUSB3S series Common-mode EMI filter for differential channels with ESD protection 3. Ordering information 4. Marking 5. Limiting values Table 3. Ordering information Type number Package Name Description Version PCMF1USB3S WLCSP5 wafer level chip-size package; 5 bumps (2-1-2) PCMF1USB3S PCMF2USB3S WLCSP10 wafer level chip-size package; 10 bumps (4-2-4) PCMF2USB3S PCMF3USB3S WLCSP15 wafer level chip-size package; 15 bumps (6-3-6) PCMF3USB3S Table 4. Marking codes Type number Marking code PCMF1USB3S PF1S PCMF2USB3S PF2S PCMF3USB3S PF3S Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VI input voltage 0.5 5 V VESD electrostatic discharge voltage IEC 61000-4-2, level 4; all input pins to ground contact discharge 15 15 kV air discharge 15 15 kV IEC 61000-4-2, level 4; all output pins to ground contact discharge 22 kV air discharge 22 kV IPPM rated peak pulse current tp =8/20 s 77 A Tstg storage temperature 40 +125 C Tamb ambient temperature 40 +85 C |