| データシートサーチシステム |
|
Series データシート(PDF) 4 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
Series データシート(HTML) 4 Page - 3M Electronics |
|
4 / 12 page ![]() 10 Product Backing Adhesive Total Thickness mils (mm) Features 3M™ Aluminum Foil 300PL 1.9 mil aluminum foil* Acrylic Non-Conductive 3.0 (0.078) Economical EMI shielding aluminum foil tape. Excellent adhesion and environmental resistance. 1120 2 mil aluminum foil Acrylic Conductive 4.0 (0.102) For EMI shielding, static charge draining, grounding. Good for cable wrap. Easily die cut. 1170 2 mil aluminum foil Acrylic Conductive 3.2 (0.081) For EMI shielding, static charge draining, grounding. Easily die cut. 1178** 1.8 mil aluminum foil Acrylic Conductive 3.3 (0.084) EMI shielding, static discharge draining and grounding. AL-25BT** 1 mil aluminum foil Acrylic Conductive 2.4 (0.061) For EMI shielding, static charge draining, grounding. Easily die cut. AL-25DC** 1 mil aluminum foil Acrylic Conductive Coated on Both Sides 3.3 (0.084) For EMI shielding, static charge draining, grounding. Easily die cut. AL-50BT** 2 mil aluminum foil Acrylic Conductive 3.1 (0.079) For EMI shielding, static charge draining, grounding. Easily die cut. 1115B 4.5 mil aluminum foil Acrylic Conductive 6.0 (0.152) For EMI shielding, grounding and static dissipation. 4.5 mil thickness provides excellent shielding and structural support characteristics. Easily die cut. 3M™ Aluminum Foil Laminated with Polyester Film AL-36FR 1 mil aluminum foil + polyester film Acrylic Conductive 2.4 (0.061) Foil backing laminated with polyester film. Good resistance to oxidation, solvents and oils. Easily die cut. AL-36NC 1 mil aluminum foil + polyester film Acrylic Non-Conductive 2.2 (0.055) Foil backing laminated with polyester film. Good resistance to oxidation, solvents and oils. Easily die cut. AL-37BLK** 1 mil aluminum foil + black matte polyester film Acrylic Conductive 2.8 (0.071) Foil backing laminated with polyester film. Matte surface finish. Good electrical insulation, resistance to oxidation, solvents and oils. Easily die cut. CEAP-1** 2.0 Aluminum Foil + PET film Acrylic Non-Conductive 3.2 (0.080) EMI shielding, assembly aide tape. CEAP-6B** 1.0-1.4 total Aluminum Foil + Black PET film Acrylic Conductive 2.6 (0.065) EMI shielding, static discharge draining, grounding. 3M™ Copper Foil 508SN 1.4 mil copper foil Acrylic Non-Conductive 3.2 (0.080) Economical EMI shielding on a wide range of applications. 1125 1.4 mil copper foil Acrylic Non-Conductive 3.5 (0.089) For EMI shielding on a wide range of applications. Easily die cut. 1126 1.4 mil copper foil Acrylic Conductive 3.5 (0.089) For EMI shielding, static charge draining when grounded. Easily die cut. 1181 1.4 mil copper foil Acrylic Conductive 2.6 (0.066) For EMI shielding, static charge draining, grounding. Easily die cut. 1182 1.4 mil copper foil Acrylic Conductive Coated on Both Sides 3.5 (0.089) Typically used to bond two surfaces, both physically and electrically. Also can provide EMI shielding, static charge draining, grounding. Easily die cut. 1183 1.4 mil tin-plated copper foil Acrylic Conductive 2.6 (0.066) Oxidation resistant for long-term EMI shielding, static charge draining, grounding. Solderable and easily die cut. 1188** 1.3 mil Copper Foil Acrylic Conductive 2.9 (0.074) EMI shielding, static discharge draining and grounding. 1194 1.4 mil copper foil Acrylic Non-Conductive 2.6 (0.066) For EMI shielding, static charge draining, grounding. Easily die cut. CU-35C** 1.4 mil copper foil Acrylic Conductive 2.8 (0.07) For grounding and EMI shielding. Solderable and easily die cut. CEC-2** 0.79 mil copper foil Acrylic Conductive coated on both sides 2.2 (0.055) EMI shielding, static discharge draining and grounding. CEC-2B** 1.18 mil copper foil Acrylic Conductive coated on both sides 3.6 (0.092) Differential adhesion for side 1 vs side 2 for easier rework. EMI shielding, static discharge draining, assembly of substrates and grounding. CEC-3** 0.79 mil copper foil Acrylic Conductive 2.0 (0.05) EMI shielding, static discharge draining and grounding. 3M™ Embossed Foil 1245 Embossed copper foil Acrylic Non-Conductive 4.0 (0.102) For EMI shielding, static charge draining, grounding. Solderable and easily die cut. 1267 Embossed aluminum foil Acrylic Non-Conductive 5.0 (0.127) For EMI shielding, static charge draining, grounding. Solderable and easily die cut. 1345 Embossed tin-plated copper foil Acrylic Non-Conductive 4.0 (0.102) Oxidation resistant for long-term EMI shielding, static charge draining, grounding. Solderable and easily die cut. 2245** Embossed copper foil Acrylic Conductive 4.0 (0.102) For grounding and EMI shielding. Solderable and easily die cut. 3245 Reverse embossed copper foil Acrylic Conductive 5.9 (0.150) For EMI shielding, static charge draining, grounding. Solderable, easily die cut. These solutions include an innovative line of 3M™ Electromagnetic Compatible Products that can control electromagnetic interference from internal sources, limit EMI susceptibility from external sources and help manufacturers meet high certification standards around the world. • Provide electromagnetic compatibility • Shield or absorb electromagnetic and radio frequency interference • Ground sensitive electronic components and boards • Cushion components • Protect cables • Provide conductive properties 3M™ EMC Products can provide EMI/RFI shielding and absorbing, static charge grounding, anti-static masking, cushioning, mechanical protection and conductive properties for a wide variety of applications. 3M EMI/EMC Solutions Foil and Fabric Tapes *For information on the copper foil version of 300PL, contact your 3M representative. **Products are special order in the USA. Please contact your 3M sales support for details. |