データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC2G86DC データシート(PDF) 13 Page - NXP Semiconductors

部品番号 74HC2G86DC
部品情報  Dual 2-input exclusive-OR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G86DC データシート(HTML) 13 Page - NXP Semiconductors

Back Button 74HC2G86DC Datasheet HTML 9Page - NXP Semiconductors 74HC2G86DC Datasheet HTML 10Page - NXP Semiconductors 74HC2G86DC Datasheet HTML 11Page - NXP Semiconductors 74HC2G86DC Datasheet HTML 12Page - NXP Semiconductors 74HC2G86DC Datasheet HTML 13Page - NXP Semiconductors 74HC2G86DC Datasheet HTML 14Page - NXP Semiconductors 74HC2G86DC Datasheet HTML 15Page - NXP Semiconductors 74HC2G86DC Datasheet HTML 16Page - NXP Semiconductors 74HC2G86DC Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
2003 Jul 28
13
Philips Semiconductors
Product specification
Dual 2-input exclusive-OR gate
74HC2G86; 74HCT2G86
handbook, full pagewidth
open
GND
50 pF
VCC
VCC
VI
VO
MNA742
D.U.T.
CL =
RT
RL =
1 k
Ω
PULSE
GENERATOR
S1
Fig.6 Load circuitry for switching times.
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
VCC
tPHZ/tPZH
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17