| データシートサーチシステム |
|
M38C37ECMFP データシート(PDF) 4 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M38C37ECMFP データシート(HTML) 4 Page - Mitsubishi Electric Semiconductor |
|
4 / 62 page ![]() 4 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 38C3 Group • 1-bit input pin. • CMOS compatible input level. • 7-bit I/O port. • CMOS compatible input level. • CMOS 3-state output structure. • I/O direction register allows each pin to be individually programmed as either input or output. • Pull-up control is enabled. • 8-bit I/O port. • CMOS compatible input level. • CMOS 3-state output structure. • I/O direction register allows each pin to be individually programmed as either input or output. • Pull-up control is enabled. • 2-bit I/O port. • CMOS compatible input level. • CMOS 3-state output structure. • I/O direction register allows each pin to be individually programmed as either input or output. • Pull-up control is enabled. • 8-bit I/O port. • TTL input level. • CMOS 3-state output structure. • I/O direction register allows each pin to be individually programmed as either input or output. • Pull-up control is enabled. Pin P51 P50/TAOUT P52/PWM1 P53/CNTR0, P54/CNTR1 P55/INT0, P56/INT1, P57/INT2 P60/AN0 – P67/AN7 P70/XCOUT, P71/XCIN P80 – P87 Table 2 Pin description (2) Name Input port P5 I/O port P5 I/O port P6 I/O port P7 I/O port P8 Function except a port function • Timer A output pin • PWM1 output (timer output) pin • External count I/O pins • External interrupt input pins • A-D conversion input pins • Sub-clock generating circuit I/O pins • Key input (Key-on wake-up) interrupt input pins Function |