| データシートサーチシステム |
|
SMM0204VD3JB0 データシート(PDF) 6 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
SMM0204VD3JB0 データシート(HTML) 6 Page - Vishay Siliconix |
|
6 / 12 page ![]() SMM0204 www.vishay.com Vishay Draloric Revision: 09-Dec-15 6 Document Number: 20004 For technical questions, contact: melf@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 FUNCTIONAL PERFORMANCE 10M 1M 100K 10K 1K 100 10 60 70 80 90 100 110 120 Resistance Value in Ω Non-linearity 0.01 Resistance Value R Current Noise Voltage Ratio µV/V 0.1 1 1 k Ω 10 k Ω 100 k Ω 1 M Ω 10 M Ω 100 Ω 1000 500 100 50 10 5 1 -80 -60 -40 -20 0 20 40 60 SMM0204 Frequency f in MHz HF - Performance 10 Ω 39 Ω 100 Ω 470 Ω 1 k Ω 4.7 k Ω 10 k Ω 1000 500 100 50 10 5 1 -80 -60 -40 -20 0 20 40 60 SMM0204 Frequency f in MHz HF - Performance 10 Ω 39 Ω 100 Ω 470 Ω 1 k Ω 4.7 k Ω 10 k Ω 100K 10K 1K 100R 10R 10 100 1K 3K Resistance Value in Ω Single pulse high voltage overload capability 1.2/50 acc. EN 60115-1, 4.27 100K 10K 1K 100R 10R 10 100 1K 3K Resistance Value in Ω Single pulse high voltage overload capability 10/700 acc. EN 60115-1, 4.27 |