| データシートサーチシステム |
|
LM111 データシート(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM111 データシート(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 23 page ![]() 3.0 Typical Applications (Note 3) (Continued) Digital Transmission Isolator Relay Driver with Strobe 00570440 00570441 *Absorbs inductive kickback of relay and protects IC from severe voltage transients on V++ line. Note: Do Not Ground Strobe Pin. Strobing off Both Input and Output Stages (Note 2) 00570442 Note: Do Not Ground Strobe Pin. Note 2: Typical input current is 50 pA with inputs strobed off. Note 3: Pin connections shown on schematic diagram and typical applications are for H08 metal can package. Positive Peak Detector Zero Crossing Detector Driving MOS Logic 00570423 *Solid tantalum 00570424 www.national.com 2 |