データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS65232A0RHAR データシート(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS65232A0RHAR
部品情報  TRIPLE BUCK POWER MANAGEMENT IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65232A0RHAR データシート(HTML) 13 Page - Texas Instruments

Back Button TPS65232A0RHAR Datasheet HTML 9Page - Texas Instruments TPS65232A0RHAR Datasheet HTML 10Page - Texas Instruments TPS65232A0RHAR Datasheet HTML 11Page - Texas Instruments TPS65232A0RHAR Datasheet HTML 12Page - Texas Instruments TPS65232A0RHAR Datasheet HTML 13Page - Texas Instruments TPS65232A0RHAR Datasheet HTML 14Page - Texas Instruments TPS65232A0RHAR Datasheet HTML 15Page - Texas Instruments TPS65232A0RHAR Datasheet HTML 16Page - Texas Instruments TPS65232A0RHAR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TPS65232
C37
100pF
R33
20K
C36
1000pF
C32
0.1uF
C33
22uF
R31
22.1K
R32
44.2K
C31
47uF
1.2V 3A
C34
22uF
L3
2.2uH
C30
0.1uF
BG
AGND
V6V
AGND
VINBQ
BST3
C27
100pF
R23
20K
C26
1000pF
C22
0.1uF
C23
22uF
R21
22.1K
R22
17.8K
C21
47uF
1.8V 3A
C24
22uF
L2
2.2uH
C20
0.1uF
C25
1000pF
C35
1000pF
FB2
VIN
CMP2
TRIP
AGND
FB1
V3P3
SS
AGND
EN_BCK1
PH1
CMP1
BST1
C12
100uF
C11
100uF
C13
22uF
R11
22.1K
R12
4.22K
5V 6A
C14
22uF
L1
4.7uH
C15
1000pF
C18
1000pF
R14
210K
C17
100pF
R13
20K
C16
1000pF
VIN
12V
V1
FB2
FB2
VIN
FB1
FB1
V3
V1
V1
V2
EN1
EN2
EN3
Q1B
Q1A
C1
1uF
C2
1uF
C3
1uF
C10
0.22uF
C5
1uF
C4
3.3nF
AGND
FDS6982
V1
TPS65232
www.ti.com
SLVSA42 – FEBRUARY 2010
COMPONENT SELECTION PROCEDURE
The following example illustrates the design procedure for selecting external components for the three buck
converters. The example focuses on BUCK1 but the procedure can be directly applied to BUCK2 and BUCK3 as
well. The design goal parameters are given in the table below. A list of symbol definitions is found at the end of
this section. For this example the schematic in Figure 3 will be used.
Figure 3. Sample Schematic for TPS65232
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS65232
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com