データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS65232A0RHA データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS65232A0RHA
部品情報  TRIPLE BUCK POWER MANAGEMENT IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65232A0RHA データシート(HTML) 2 Page - Texas Instruments

  TPS65232A0RHA Datasheet HTML 1Page - Texas Instruments TPS65232A0RHA Datasheet HTML 2Page - Texas Instruments TPS65232A0RHA Datasheet HTML 3Page - Texas Instruments TPS65232A0RHA Datasheet HTML 4Page - Texas Instruments TPS65232A0RHA Datasheet HTML 5Page - Texas Instruments TPS65232A0RHA Datasheet HTML 6Page - Texas Instruments TPS65232A0RHA Datasheet HTML 7Page - Texas Instruments TPS65232A0RHA Datasheet HTML 8Page - Texas Instruments TPS65232A0RHA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
REF
OSC
UVLO
TRIM
from enable logic
EN_BCK1
EN_BCK2
EN_BCK3
12-V DC Supply
from enable logic
from enable logic
BUCK1
BST1
LDRV
FB1
CMP1
VIN
PH2a
PH2b
FB2
CMP2
PH3a
PH3b
FB3
Vout BUCK3
CMP3
INTERNAL
VOLTAGE RAILS
TSD
Vout BUCK1
HDRV
12V
VINB and VINBQ pins must be tied
togther on PC board
Optional
V3p3
V6V
BST3
BST2
PH1
Vout BUCK2
BUCK3
VINB3
BUCK2
VINB2
TPS65232
SLVSA42 – FEBRUARY 2010
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
48-pin (HTSSOP) - DCA
Reel of 2000
TPS65232A2DCAR
TPS65232
0°C to 85°C
40-pin (QFN) - RHA
Reel of 2500
TPS65232A0RHAR
TPS65232
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS65232
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com