| データシートサーチシステム |
|
PIFE32251B-R68MS データシート(PDF) 83 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PIFE32251B-R68MS データシート(HTML) 83 Page - Texas Instruments |
|
83 / 157 page ![]() 83 TPS650830 www.ti.com SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016 Submit Documentation Feedback Product Folder Links: TPS650830 Detailed Description Copyright © 2014–2016, Texas Instruments Incorporated 6.6.1.12 IRQLVL1msK Register (address = 0x13) [reset = 10100101] Figure 6-34. IRQLVL1msK Register Format B7 B6 B5 B4 B3 B2 B1 B0 MRESET RESERVED2_I RQLVL1msK MPMU RESERVED1_I RQLVL1msK[1] RESERVED1_I RQLVL1msK[0] MPWRSRC RESERVED_IR QLVL1msK MPWRBTN 1 0 1 0 0 1 0 1 RW R RW R R RW R RW LEGEND: R/W = Read/Write; R = Read only; -n = value after reset Table 6-15. IRQLVL1msK Register Field Descriptions Bit Field Type Reset Description 7 MRESET RW 1 RESET mask interrupt 0: Not masked 1: Masked 6 RESERVED2_IRQLVL1msK R 0 5 MPMU RW 1 Power monitor mask interrupt 0: Not masked 1: Masked 4:3 RESERVED1_IRQLVL1msK[1:0] R 00 2 MPWRSRC RW 1 Power source mask interrupt 0: Not masked 1: Masked 1 RESERVED_IRQLVL1msK R 0 0 MPWRBTN RW 1 Power button mask interrupt 0: Not masked 1: Masked |