| データシートサーチシステム |
|
PIFE32251B-R68MS データシート(PDF) 105 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PIFE32251B-R68MS データシート(HTML) 105 Page - Texas Instruments |
|
105 / 157 page ![]() 105 TPS650830 www.ti.com SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016 Submit Documentation Feedback Product Folder Links: TPS650830 Detailed Description Copyright © 2014–2016, Texas Instruments Incorporated 6.6.1.36 VRENPINMASK Register (address = 0x43) [reset = 00000000] Figure 6-58. VRENPINMASK Register Format B7 B6 B5 B4 B3 B2 B1 B0 MV12EN MV11EN MV10EN MV9EN MV8EN MV7EN MV5EN MV4EN 0 0 0 0 0 0 0 0 RW RW RW RW RW RW RW RW LEGEND: R/W = Read/Write; R = Read only; -n = value after reset Table 6-39. VRENPINMASK Register Field Descriptions Bit Field Type Reset Description 7 MV12EN RW 0 V12 Enable Pin Mask 0: VR Enable Pin controls VR enable 1: VR Enable Pin masked V*CTLV controls VR enable 6 MV11EN RW 0 V11 Enable Pin Mask 0: VR Enable Pin controls VR enable 1: VR Enable Pin masked V*CTLV controls VR enable 5 MV10EN RW 0 V10 Enable Pin Mask 0: VR Enable Pin controls VR enable 1: VR Enable Pin masked V*CTLV controls VR enable 4 MV9EN RW 0 V9 Enable Pin Mask 0: VR Enable Pin controls VR enable 1: VR Enable Pin masked V*CTLV controls VR enable 3 MV8EN RW 0 V8 Enable Pin Mask 0: VR Enable Pin controls VR enable 1: VR Enable Pin masked V*CTLV controls VR enable 2 MV7EN RW 0 V7 Enable Pin Mask 0: VR Enable Pin controls VR enable 1: VR Enable Pin masked V*CTLV controls VR enable 1 MV5EN RW 0 V5 Enable Pin Mask 0: VR Enable Pin controls VR enable 1: VR Enable Pin masked V*CTLV controls VR enable 0 MV4EN RW 0 V4 Enable Pin Mask 0: VR Enable Pin controls VR enable 1: VR Enable Pin masked V*CTLV controls VR enable |