| データシートサーチシステム |
|
UCD3138RHAT データシート(PDF) 38 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138RHAT データシート(HTML) 38 Page - Texas Instruments |
|
38 / 89 page ![]() 38 UCD3138 SLUSAP2G – MARCH 2012 – REVISED SEPTEMBER 2016 www.ti.com Submit Documentation Feedback Product Folder Links: UCD3138 Detailed Description Copyright © 2012–2016, Texas Instruments Incorporated • Cycle Adjustment (Current and flux balancing) • Global Period • Light Load (Burst Mode) • Analog Peak Current Mode 6.5.4.2 Fault Multiplexer In order to allow a flexible way of mapping several fault triggering sources to all the DPWMs channels, the UCD3138 provides an extensive array of multiplexers that are united under the name Fault Mux module. The Fault Mux Module supports the following types of mapping between all the sources of fault and all different fault response mechanism inside each DPWM module. • Many fault sources mapped to a single fault response mechanism. For instance an analog comparator in charge of over voltage protection, a digital comparator in charge of over current protection and an external digital fault pin can be all mapped to a fault-A signal connected to a single FAULT MODULE and shut down DPWM1-A. • A single fault source can be mapped to many fault response mechanisms inside many DPWM modules. For instance an analog comparator in charge of over current protection can be mapped to DPWM-0 through DPWM-3 by way of several fault modules. • Many fault sources can be mapped to many fault modules inside many DPWM modules. |