| データシートサーチシステム |
|
UCD3138ARMHT データシート(PDF) 61 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138ARMHT データシート(HTML) 61 Page - Texas Instruments |
|
61 / 87 page ![]() 61 UCD3138A www.ti.com SLUSC66C – MARCH 2015 – REVISED SEPTEMBER 2016 Submit Documentation Feedback Product Folder Links: UCD3138A Application and Implementation Copyright © 2015–2016, Texas Instruments Incorporated Figure 8-9. Fixed Signals to Bridge These signals are actually routed to pins DPWM3A and 3B using the Intra Mux with these statements: Dpwm3Regs.DPWMCTRL0.bit.PWM_A_INTRA_MUX = 7; // Send DPWM1C Dpwm3Regs.DPWMCTRL0.bit.PWM_B_INTRA_MUX = 8; // Send DPWM2C Since these signals are really being used as events in the timer, the #defines are called EV5 and EV6. Here are the statements which initialize them: |