| データシートサーチシステム |
|
UCD3138RMHT データシート(PDF) 60 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138RMHT データシート(HTML) 60 Page - Texas Instruments |
|
60 / 89 page ![]() 60 UCD3138 SLUSAP2G – MARCH 2012 – REVISED SEPTEMBER 2016 www.ti.com Submit Documentation Feedback Product Folder Links: UCD3138 Application and Implementation Copyright © 2012–2016, Texas Instruments Incorporated If the event registers on the DPWMs are the same, the two pairs of signals will be symmetrical. All code examples are taken from the PSFB EVM code, unless otherwise stated. 7.2.2.4 Fixed Signals to Bridge The two top signals in the above drawing have fixed timing. The DPWM1CF and DPWM2CF signals are used for these pins. DPWMCxF refers to the signal coming out of the fault module of DPWMx, as shown inFigure 7-4. Figure 7-4. Fixed Signals to Bridge |