| データシートサーチシステム |
|
DS3134 データシート(PDF) 170 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3134 データシート(HTML) 170 Page - Dallas Semiconductor |
|
170 / 203 page ![]() DS3134 170 of 203 1011 = bus transaction is defined as 11 LCLK periods 1100 = illegal state 1101 = illegal state 1110 = illegal state 1111 = illegal state Bit 6 / Local Bus Width (LBW). 0 = 16 bits 1 = 8 bits Bits 8 to 11 / Local Bus Arbitration Timer Setting (LAT0 to LAT3). These 4 bits determine the total time the Local Bus will seize the bus when it has been granted in the Arbitration Mode (LARBE = 1). This period is measured from LHLDA(LBG*) being detected to LBGACK* inactive. 33 MHz 25 MHz 0000 = when granted, hold the bus for 32 LCLKs 0.97 us 1.3 us 0001 = when granted, hold the bus for 64 LCLKs 1.9 us 2.6 us 0010 = when granted, hold the bus for 128 LCLKs 3.9 us 5.1 us 0011 = when granted, hold the bus for 256 LCLKs 7.8 us 10.2 us 0100 = when granted, hold the bus for 512 LCLKs 15.5 us 20.5 us 1101 = when granted, hold the bus for 262144 LCLKs 7.9 ms 10.5 ms 1110 = when granted, hold the bus for 524288 LCLKs 15.9 ms 21.0 ms 1111 = when granted, hold the bus for 1048576 LCLKs 31.8 ms 41.9 ms |