| データシートサーチシステム |
|
TLE4267 データシート(PDF) 18 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4267 データシート(HTML) 18 Page - Infineon Technologies AG |
|
18 / 23 page ![]() Data Sheet 18 Rev. 2.51, 2012-01-20 TLE 4267 Package Outlines Figure 8 PG-TO220-7-11 (Plastic Transistor Single Outline) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). Typical ±0.1 1.27 4.4 0.05 1) All metal surfaces tin plated, except area of cut. 2.4 0.5 ±0.1 ±0.4 3.9 ±0.4 8.4 A A 0.25 M 9.8 ±0.15 0...0.15 1.27 0.6 ±0.1 C 8.5 1) 9.9 ±0.2 7x 10 ±0.2 6x C GPT09083 You can find all of our packages, sorts of packing and others in our Infineon Internet Page “Products”: http://www.infineon.com/products. Dimensions in mm SMD = Surface Mounted Device |