| データシートサーチシステム |
|
CS-4-12NA データシート(PDF) 2 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CS-4-12NA データシート(HTML) 2 Page - Copal Electronics |
|
2 / 7 page ![]() ■ SCHEMATICS DIAGRAMS O 1 pole 2 contacts Series CS-4-12YA 〃 YTA 〃 YB 〃 YTB 〃 YC CS-4-12XA 〃 XTA 〃 XB 〃 XTB 〃 XC CS-4-14NA 〃 NTA 〃 NB 〃 NTB Switching specifications Schematic C 1 2 C 1 2 C 2 ON 1 2 1 ON C C ON C 2 OFF C 1 2 ON 1 C Series CS-4-13NA 〃 NTA 〃 NB 〃 NTB Switching specifications Schematic C 1 3 2 C 3 ON C 2 ON C C 1 1 3 2 ON O 1 pole 3 contacts O 1 pole 4 contacts Series CS-4-22YA 〃 YTA 〃 YB 〃 YTB Switching specifications Schematic 1 C 2 2 C 1 C 2 C 2 ON OFF C 2 1 C 2 1 C C 1 ON 1 O 2 poles 2 contacts ■ LIST OF PART NUMBERS Circuit type 1 pole 2 contacts 1 pole 3 contacts 1 pole 4 contacts 2 poles 2 contacts With neutral detent Without neutral detent Form of packaging Taping Plastic bag Taping Plastic bag Taping Plastic bag Taping Plastic bag Taping Plastic bag A J-hook CS-4-12YTA CS-4-12YTB 500 pcs. /reel CS-4-12YA CS-4-12YB CS-4-12YC 50 pcs./pack CS-4-12XTA CS-4-12XTB 500 pcs./reel CS-4-12XA CS-4-12XB CS-4-12XC 50 pcs./pack CS-4-13NTA CS-4-13NTB 500 pcs./reel CS-4-13NA CS-4-13NB 50 pcs./pack CS-4-14NTA CS-4-14NTB 500 pcs./reel CS-4-14NA CS-4-14NB 50 pcs./pack CS-4-22YTA CS-4-22YTB 500 pcs./reel CS-4-22YA CS-4-22YB 50 pcs./pack B Gull wing C Through hole pin Pieces in package : Not manufactured ※ Verify the above part numbers when placing orders. Taping version can be supplied only in reel unit. CS-4 ROTARY SELECTOR SWITCHES (SMD) Series Switching specifications Schematic C 1 3 4 NC 2 C ON 1 1 3 2 4 C C ON 2 C ON 3 C ON 4 |